Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors PCA9620 Datasheet HTML 16Page - NXP Semiconductors PCA9620 Datasheet HTML 17Page - NXP Semiconductors PCA9620 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
14 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
The host microprocessor or microcontroller maintains the 2 line I2C-bus communication
channel with the PCA9620. The appropriate biasing voltages for the multiplexed LCD
waveforms are generated internally. The only other connections required to complete the
system are the power supplies (VDD1, VDD2, VSS, VLCD), the external capacitors, and the
LCD panel selected for the application.
The minimum recommended values for external capacitors on VDD1, VDD2, and VLCD are
nominal 100 nF. When using bigger capacitors, especially on the VLCD, the generated
ripple will be consequently smaller, however it will take longer for the internal charge pump
to first reach the target VLCD voltage.
In the case that VDD1 and VDD2 are connected externally, the capacitors on VDD1 and VDD2
can be replaced by a single capacitor with a minimum value of 200 nF.
Remark: In the case of insufficient decoupling, ripple of VDD1 and VDD2 will create
additional VLCD ripple. The ripple on VLCD can be reduced by making the VSS connection
as low-ohmic as possible. Excessive ripple on VLCD may give rise to flicker on the display.
7.3 Start-up and shut-down
7.3.1 Power-On Reset (POR)
At power-on the PCA9620 resets to starting conditions as follows:
1. All backplane outputs are set to VSS.
2. All segment outputs are set to VSS.
3. Selected drive mode is: 1:8 with 1
⁄
4 bias.
4. Input and output bank selectors are reset.
5. The I2C-bus interface is initialized.
6. The data pointer is cleared (set logic 0).
7. The Internal oscillator is running; no clock signal is available on pin CLK; pin CLK is in
3-state.
8. Temperature measurement is enabled.
VDD1 from 2.5 V to 5.5 V, VDD2 from 2.5 V to 5.5 V and VLCD from 2.5 V to 9.0 V.
Fig 5.
Typical system configuration when using an external VLCD
HOST
PROCESSOR/
MICRO-
CONTROLLER
R
≤
tr
2Cb
SDA
SCL
60 segment drives
8 backplanes
LCD PANEL
(up to 480
elements)
PCA9620
A0
A1
VDD1
VSS
VSS
013aaa248
VLCD
VLCD
VDD2
VDD1
CLK
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com