Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors PCA9620 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
44 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
In order to fill the whole four RAM rows 30 bytes need to be sent to the PCA9620. After
the last byte sent, the data pointer is wrapped around to column 0 to start a possible RAM
content update (see Figure 36). Even if a data byte is transmitted during the wrapping of
the data pointer, all the bits in the byte will be written correctly.
7.9.1.4
RAM filling in 1:6 multiplex drive mode
In the 1:6 multiplex drive mode the RAM is organized in six rows and 60 columns. The
eight transmitted data bits are placed in such a way, that a column is filled up (see
Figure 37).
Fig 35. Display RAM filling order in 1:4 multiplex drive mode
Fig 36. Data pointer wrap around in 1:4 multiplex drive mode
0
1
2
34
56
7
55 56 57 58 59
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
1
2
3
transmitted data byte
b7
b6
b5
b4
b3
b2
b1
b0
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa265
0
1
2
34
56
7
55 56 57 58 59
0
1
2
3
b7
b6
b5
b4
b3
b2
b1
b0
display RAM columns/segment outputs (S)
columns
display RAM
data pointer
013aaa289
wrap around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com