Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
42 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
The data pointer is automatically incremented in accordance with the chosen LCD
multiplex drive mode configuration. That is, after each byte is stored, the contents of the
data pointer are incremented
• by eight (static drive mode)
• by four (1:2 multiplex drive mode)
• by two (1:4 multiplex drive mode)
• by one or two (1:6 multiplex drive mode), see Figure 37 on page 45
• by one (1:8 multiplex drive mode)
If the data pointer reaches the end of the RAM row it is automatically wrapped around to
address 0. This means that it can be continuously written to or read from the display RAM.
The data pointer should always be set to an address where the remaining RAM is divisible
by eight because odd bits will be discarded (see Figure 32). This behavior is actually only
shown in static drive mode because of the fact that the 60 RAM cells can’t be divided by
eight without remainder.
If an I2C-bus data access is terminated early then the state of the data pointer is unknown.
The data pointer must then be re-written prior to further RAM accesses.
7.9.1.1
RAM filling in static drive mode
In the static drive mode the eight transmitted data bits are placed in eight successive
display RAM columns in row 0 (see Figure 31).
In order to fill the whole RAM row, 8 bytes must be sent to the PCA9620, but the last 4 bits
from the last byte are discarded, and the data pointer is wrapped around to column 0 to
start a possible RAM content update (see Figure 32).
Fig 31. Display RAM filling order in static drive mode
0
1
2
3
4
5
6
7
55 56 57 58 59
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
transmitted data byte
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa263
b0
b1
b2
b3
b4
b5
b6
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com