Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
43 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.9.1.2
RAM filling in 1:2 multiplex drive mode
In the 1:2 multiplex drive mode the eight transmitted data bits are placed in four
successive display RAM columns of two rows (see Figure 33).
In order to fill the whole two RAM rows 15 bytes need to be sent to the PCA9620. After the
last byte sent the data pointer is wrapped around to column 0 to start a possible RAM
content update (see Figure 34). Even if a data byte is transmitted during the wrapping of
the data pointer, then all the bits in the byte will be written correctly.
7.9.1.3
RAM filling in 1:4 multiplex drive mode
In the 1:4 multiplex drive mode the eight transmitted data bits are placed in two
successive display RAM columns of four rows (see Figure 35).
Fig 32. Discarded bits and data pointer wrap around at the end of data transmission
01234567
48 49 50 51 52
display RAM
data pointer
53 54 55 56 57 58 59
0
a7 a6 a5 a4 a3 a2 a1 a0
f7 f6 f5 f4 f3 f2 f1 f0 g7 g6 g5 g4 g3 g2 g1 g0
discarded
wrap around
013aaa287
Fig 33. Display RAM filling order in 1:2 multiplex drive mode
Fig 34. Data pointer wrap around in 1:2 multiplex drive mode
0
1
2
34
56
7
55 56 57 58 59
b0
b1
b2
b3
b4
b5
b6
b7
0
1
b7
b6
b5
b4
b3
b2
b1
b0
LSB
MSB
transmitted data byte
013aaa264
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
0
1
2
34
56
7
55 56 57 58 59
0
1
b7
b6
b5
b4
b3
b2
b1
b0
display RAM
data pointer
wrap around
013aaa288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com