Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
37 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
[1]
The relationship between the temperature coefficients MA to MD and the slope factor is derived from the
following equation:
.
[2]
Default value.
The slope factors imply a linear correction, however the implementation is set in steps of
30 mV (parameter n in Table 27 on page 31).
Remark: After reset, VLCD is fixed because the VPR[7:0] bit field is reset logic 0. The
value of VT[7:0] is generated by the reset value of TD[7:0] (40h, representing 20
°C).
Temperature compensation is implemented by adding an offset VT[7:0] to the VPR[7:0]
value. VT[7:0] is a two’s complement number that equals 0h at 20
°C. The final result for
VLCD calculation is an 8-bit positive number (see Equation 6 on page 31).
Remark: Care must be taken that the ranges of VPR[7:0] and VT[7:0] don’t cause clipping
and hence undesired results. The device will not permit overflow or underflow and will
clamp results to either end of the range.
Table 29.
Temperature coefficients
SLA[2:0] to SLD[2:0] value
Corresponding slope factor
(mV/
°C)
Temperature coefficients
MA, MB, MC, MD[1]
000[2]
00.00
001
−4
−0.125
010
−8
−0.25
011
−16
−0.5
100
−40
−1.25
101
+4
0.125
110
+8
0.25
111
+16
0.5
Fig 29. Example of segmented temperature coefficients
Mx
0.9375
0.03
----------------
slope
1000
--------------
×
=
Temperature (
°C)
−40
50
−10
013aaa261
TD[7:0]
0h
60h
20h
zero offset
at 20
°C
79
20
7Fh
40h
MC
MA
MD
MB
SLA
SLB
SLC
SLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com