Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
101
PF0100
Functional Block Requirements and Behaviors
Power Generation
VSNVS Specifications
Table 110. VSNVS Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VSNVS
Operating Input Voltage
Valid Coin Cell range
Valid VIN
VINSNVS
1.8
2.25
–
–
3.3
4.5
V
Operating Load Current
VINMIN < VIN < VINMAX
ISNVS
5.0
–
400(63)
μA
VSNVS DC, LDO
Output Voltage
•5.0
μA < ISNVS < 400 μA (OFF)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
VTL0/VTH < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5.0
μA < ISNVS < 400 μA (ON)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
UVDET < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5
.0 μA < ISNVS < 400 μA (Coin Cell mode)
2.84 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = 110
1.8 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = [000] - [101](65)
VSNVS
-5.0%
-8.0%
-5.0%
-4.0%
VCOIN-0.04
-8.0%
3.0
1.0 - 1.8
3.0
1.0 - 1.8
–
1.0 - 1.8
7.0%
7.0%
5.0%
4.0%
VCOIN
7.0%
V
Dropout Voltage
2.85 V < VIN < 2.9 V, VSNVSVOLT[2:0] = 110
5.0
μA < ISNVS < 400 μA
VSNVSDROP
––
50
mV
Current Limit
VIN > VTH1, VSNVSVOLT[2:0] = 110
VIN > VTL0, VSNVSVOLT[2:0] = 000 to 101
VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
ISNVSLIM
750
500
480
–
–
–
5900
5900
3600
μA
VIN Threshold (Coin Cell Powered to VIN Powered) VIN going high
with valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
VTH0
2.25
2.40
2.50
V
VIN Threshold (VIN Powered to Coin Cell Powered) VIN going low
with valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
VTL0
2.20
2.35
2.45
V
VIN Threshold Hysteresis for VTH1-VTL1
VHYST1
5.0
–
–
mV
VIN Threshold Hysteresis for VTH0-VTL0
VHYST0
5.0
–
–
mV
Output Voltage During Crossover
VSNVSVOLT[2:0] = 110
VCOIN > 2.9 V
Switch to LDO: VIN > 2.825 V, ISNVS = 100 μA
LDO to Switch: VIN < 3.05 V, ISNVS = 100 μA
VSNVSCROSS
2.80
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com