Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 107Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 108Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
Device
Address
Register Address
Device Address
Packet
Type
START
0
R/W
16
23
8
15
0
7
A
C
K
STOP
A
C
K
A
C
K
START
0
7
R/W
NA
CK
PMIC Driven Data
Host can also
drive another
Start instead of
Stop
1
Host SDA
Slave SDA
Analog Integrated Circuit Device Data
Freescale Semiconductor
105
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
Figure 27. I2C Read Example
7.5.3
Interrupt Handling
The system is informed about important events based on interrupts. Unmasked interrupt events are signaled to the processor by
driving the INTB pin low.
Each interrupt is latched so that even if the interrupt source becomes inactive, the interrupt will remain set until cleared. Each
interrupt can be cleared by writing a “1” to the appropriate bit in the Interrupt Status register; this will also cause the INTB pin to
go high. If there are multiple interrupt bits set the INTB pin will remain low until all are either masked or cleared. If a new interrupt
occurs while the processor clears an existing interrupt bit, the INTB pin will remain low.
Each interrupt can be masked by setting the corresponding mask bit to a 1. As a result, when a masked interrupt bit goes high,
the INTB pin will not go low. A masked interrupt can still be read from the Interrupt Status register. This gives the processor the
option of polling for status from the IC. The IC powers up with all interrupts masked, so the processor must initially poll the device
to determine if any interrupts are active. Alternatively, the processor can unmask the interrupt bits of interest. If a masked interrupt
bit was already high, the INTB pin will go low after unmasking.
The sense registers contain status and input sense bits so the system processor can poll the current state of interrupt sources.
They are read only, and not latched or clearable.
Interrupts generated by external events are debounced; therefore, the event needs to be stable throughout the debounce period
before an interrupt is generated. Nominal debounce periods for each event are documented in the INT summary Table 115 . Due
to the asynchronous nature of the debounce timer, the effective debounce time can vary slightly.
7.5.4
Interrupt Bit Summary
Table 115 summarizes all interrupt, mask, and sense bits associated with INTB control. For more detailed behavioral
descriptions, refer to the related chapters.
Table 115. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger
Debounce Time (ms)
LOWVINI
LOWVINM
LOWVINS
Low Input Voltage Detect
Sense is 1 if below 2.80 V threshold
H to L
3.9(67)
PWRONI
PWRONM
PWRONS
Power on button event
H to L
31.25(67)
Sense is 1 if PWRON is high.
L to H
31.25
THERM110
THERM110M
THERM110S
Thermal 110 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM120
THERM120M
THERM120S
Thermal 120 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM125
THERM125M
THERM125S
Thermal 125 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM130
THERM130M
THERM130S
Thermal 130 °C threshold
Sense is 1 if above threshold
Dual
3.9
SW1AFAULTI
SW1AFAULTM
SW1AFAULTS
Regulator 1A over-current limit
Sense is 1 if above current limit
L to H
8.0
SW1BFAULTI
SW1BFAULTM
SW1BFAULTS
Regulator 1B over-current limit
Sense is 1 if above current limit
L to H
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com