Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
Analog Integrated Circuit Device Data
102
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
VSNVS AC AND TRANSIENT
Turn-on Time(64) (Load capacitor, 0.47
μF)
VCOIN = 3.0 V to 90% of VSNVS
VIN = 0.0 V, ISNVS = 5.0 μA
VSNVSVOLT[2:0] = 000 to 110
VIN = VTH0 to 90% of VSNVS
VCOIN = 0.0 V, ISNVS = 5.0 μA
VSNVSVOLT[2:0] = 000 to 110
tONSNVS
––
24
ms
Start-up Overshoot
VSNVSVOLT[2:0] = 000 to 110
ISNVS = 5.0 μA
dVIN/dt = 50 mV/μs
VSNVSOSH
–40
70
mV
Transient Line Response ISNVS = 75% of ISNVSMAX
3.2 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
2.45 V < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
VSNVSLITR
–
–
32
22
–
–
mV
Transient Load Response
VSNVSVOLT[2:0] = 110
3.1 V (UVDETL)< VIN ≤ 4.5 V
ISNVS = 75 to 750 μA
VSNVSVOLT[2:0] = 000 to 101
2.45 V < VIN ≤ 4.5 V
VTL0 > VIN, 1.8 V
≤ VCOIN ≤ 3.3 V
ISNVS = 40 to 400 μA
Refer to Figure 24
VSNVSLOTR
2.8
–
–
1.0
–
2.0
V
%
VSNVS DC, SWITCH
Operating Input voltage
Valid Coin Cell range
VINSNVS
1.8
–
3.3
V
Operating Load Current
ISNVS
5.0
–
400
μA
Internal Switch Rdson
VCOIN = 2.6 V
RDSONSNVS
–
–
100
Ω
VIN Threshold (VIN Powered to Coin Cell Powered)
VSNVSVOLT[2:0] = 110
VTL1
2.825
2.90
3.00
V
VIN Threshold (Coin Cell Powered to VIN Powered)
VSNVSVOLT[2:0] = 110
VTH1
2.85
2.95
3.05
V
Notes
63.
Current required by i.MX6X SNVS domain may change.
64.
The start-up of VSNVS is not monotonic. It first rises to 1.0 V and then settles to its programmed value within the specified tr1 time.
65.
For 1.8 V ISNVS limited to 100 μA for VCOIN < 2.1 V
Table 110. VSNVS Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com