Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
103
PF0100
Functional Block Requirements and Behaviors
Power Generation
7.4.7.1
Coin Cell Battery Backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below
the VIN threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic will be powered by the voltage
applied to LICELL. A small capacitor should be placed from LICELL to ground under all circumstances.
Coin Cell Charger Control
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic typically
used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit while the coin cell voltage is
programmable through the VCOIN[2:0] bits on register COINCTL on Table 112. The coin cell charger voltage is programmable.
In the ON state, the charger current is fixed at ICOINHI. In Sleep and Standby modes, the charger current is fixed at ICOINLO
as indicated in Table 114 .In the OFF state, coin cell charging is not available as the main battery could be depleted
unnecessarily. The coin cell charging will be stopped when VIN is below UVDET.
External Components
Table 111. Coin Cell Charger Voltage
VCOIN[2:0]
VCOIN (V)(66)
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Notes
66.
Coin cell voltages selected based on the
type of LICELL used on the system.
Table 112. Register COINCTL - ADDR 0x1A
Name
Bit #
R/W
Default
Description
VCOIN
2:0
R/W
0x00
Coin cell charger output voltage selection.
See Table 111 for all options selectable through
these bits.
COINCHEN
3
R/W
0x00
Enable or disable the Coin cell charger
UNUSED
7:4
–
0x00
UNUSED
Table 113. Coin Cell Charger External Components
Component
Value
Units
LICELL Bypass Capacitor
100
nF
LICELL Bypass Capacitor as coin cell replacement
4.7
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com