Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 48Page - STMicroelectronics SPEAR300 Datasheet HTML 49Page - STMicroelectronics SPEAR300 Datasheet HTML 50Page - STMicroelectronics SPEAR300 Datasheet HTML 51Page - STMicroelectronics SPEAR300 Datasheet HTML 52Page - STMicroelectronics SPEAR300 Datasheet HTML 53Page - STMicroelectronics SPEAR300 Datasheet HTML 54Page - STMicroelectronics SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
Electrical characteristics
SPEAr300
52/83
Doc ID 16324 Rev 2
5
Electrical characteristics
5.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high/low static
voltages. However it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
The absolute maximum rating is the maximum stress that can be applied to a device without
causing permanent damage. However, extended exposure to minimum/maximum ratings
may affect long-term device reliability.
5.2
Maximum power consumption
Note:
These values take into consideration the worst cases of process variation and voltage range
and must be used to design the power supply section of the board.
Table 15.
Absolute maximum ratings
Symbol
Parameter
Minimum value Maximum value
Unit
VDD 1.2
Supply voltage for the core
- 0.3
1.44
V
VDD 3.3
Supply voltage for the I/Os
- 0.3
3.9
V
VDD 2.5
Supply voltage for the analog
blocks
- 0.3
3
V
VDD 1.8
Supply voltage for the DRAM
interface
- 0.3
2.16
V
VDD RTC
RTC supply voltage
-0.3
2.16
V
TSTG
Storage temperature
-55
150
°C
TJ
Junction temperature
-40
125
°C
Table 16.
Maximum power consumption
Symbol
Description
Max
Unit
VDD 1.2
Supply voltage for the core
420
mA
VDD 1.8
Supply voltage for the DRAM
interface (1)
1.
Peak current with Linux memory test (50% write and 50% read) plus DMA reading memory.
160
mA
VDD RTC
RTC supply voltage
8
µA
VDD 2.5
Supply voltage for the analog blocks
35
mA
VDD 3.3
Supply voltage for the I/Os (2)
2.
With 30 logic channels connected to the device and simultaneously switching at 10 MHz.
15
mA
PD
Maximum power consumption
930(3)
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com