Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 50Page - STMicroelectronics SPEAR300 Datasheet HTML 51Page - STMicroelectronics SPEAR300 Datasheet HTML 52Page - STMicroelectronics SPEAR300 Datasheet HTML 53Page - STMicroelectronics SPEAR300 Datasheet HTML 54Page - STMicroelectronics SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
Electrical characteristics
SPEAr300
54/83
Doc ID 16324 Rev 2
5.5
3.3V I/O characteristics
The 3.3 V I/Os are compliant with JEDEC standard JESD8b
5.6
LPDDR and DDR2 pin characteristics
Table 19.
Low voltage TTL DC input specification (3 V< VDD <3.6 V)
Symbol
Parameter
Min
Max
Unit
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2
V
Vhyst
Schmitt trigger hysteresis
300
800
mV
Table 20.
Low voltage TTL DC output specification (3 V< VDD <3.6 V)
Symbol
Parameter
Test condition
Min
Max
Unit
VOL
Low level output voltage
IOL= X mA
(1)
1.
For the max current value (X mA) refer to Section 2.29: 8-channel ADC.
0.3
V
VOH
High level output voltage
IOH= -X mA
(1)
VDD - 0.3
V
Table 21.
Pull-up and pull-down characteristics
Symbol
Parameter
Test condition
Min
Max
Unit
RPU
Equivalent pull-up resistance
VI = 0 V
29
67
k
RPD
Equivalent pull-down
resistance
VI = VDDE3V3
29
103
k
Table 22.
DC characteristics
Symbol
Parameter
Test condition
Min
Max
Unit
VIL
Low level input voltage
SSTL2
-0.3
VREF-0.15
V
SSTL18
-0.3
VREF-0.125
V
VIH
High level input voltage
SSTL2
VREF+0.15
VDDE2V5+0.3
V
SSTL18
VREF+0.125
VDDE1V8+0.3
V
Vhyst
Input voltage hysteresis
200
mV
Table 23.
Driver characteristics
Symbol
Parameter
Min
Typ
Max
Unit
RO
Output impedance (strong value)
40.5
45
49.5
Output impedance (weak value)
44.1
49
53.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com