Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 37Page - STMicroelectronics SPEAR300 Datasheet HTML 38Page - STMicroelectronics SPEAR300 Datasheet HTML 39Page - STMicroelectronics SPEAR300 Datasheet HTML 40Page - STMicroelectronics SPEAR300 Datasheet HTML 41Page - STMicroelectronics SPEAR300 Datasheet HTML 42Page - STMicroelectronics SPEAR300 Datasheet HTML 43Page - STMicroelectronics SPEAR300 Datasheet HTML 44Page - STMicroelectronics SPEAR300 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
SPEAr300
Pin description
Doc ID 16324 Rev 2
41/83
TDM interfacing using GPIOs
In some configuration modes where less than 8 TDM devices are indicated in Table 10,
additional TDM devices can be supported by using GPIO pins. The TDM needs a dedicated
interrupt line, an SPI and an independent frame sync signal to interface each device. When
enough SPI chip selects signals are not available (SPI_I2C signals), the chip select can be
performed by a GPIO. In this case the number of possible TDM devices supported is:
Modes 5, 7, 8 and 9: up to 8 devices
Modes 3 and 10: up to 6 devices
Modes 11 and 12: up to 4 devices
Table 10.
Available peripherals in each configuration mode
GPIOs
1
16-bit
NAND
4
18
6
12
6
2
16-bit
NOR
4
18
6
12
6
3
16-bit
NAND
1
18
28
28
22
4
81
1
8
8
9*9
62
38812414
5
411
1
28
9*9
42
38
4
14
6
81
1
8
8
9*9
58
38
8
8
4
14
7
411
1
28
9*9
42
38
4
14
8
8-bit
NOR
8
84
44
24
8
8
4
14
9
8-bit
NAND
/NOR
81
1
44
42
24
8
8
2
14
10
41
18-bit
2
8
9*9
36
32
4
10
11
1
1
1
14-bit
2
8
7*5
26
26
10
12
1
1
14-bit
2
8
7*5
26
26
10
13
411
1
8-bit
28
9*9
32
28
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com