Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 54Page - STMicroelectronics SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
Timing requirements
SPEAr300
58/83
Doc ID 16324 Rev 2
6.1.2
DDR2 write cycle timings
Figure 9.
DDR2 Write cycle waveforms
Figure 10.
DDR2 Write cycle path
166 MHz
2.00 ns
260 ps
133 MHz
2.37 ns
634 ps
Table 26.
DDR2 Read cycle timings (continued)
Frequency
t4 max
t5 max
Table 27.
DDR2 Write cycle timings
Frequency
t4 max
t5 max
Unit
333 MHz
1.36
-1.55
ns
266 MHz
1.55
-1.36
ns
200 MHz
1.86
-1.05
ns
166 MHz
2.11
- 794
ns
133 MHz
2.49
-420
ns
t6
t6
t6
t4
t5
t4
t5
t4
t5
CLK
DQS
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com