Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 17Page - STMicroelectronics SPEAR300 Datasheet HTML 18Page - STMicroelectronics SPEAR300 Datasheet HTML 19Page - STMicroelectronics SPEAR300 Datasheet HTML 20Page - STMicroelectronics SPEAR300 Datasheet HTML 21Page - STMicroelectronics SPEAR300 Datasheet HTML 22Page - STMicroelectronics SPEAR300 Datasheet HTML 23Page - STMicroelectronics SPEAR300 Datasheet HTML 24Page - STMicroelectronics SPEAR300 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
SPEAr300
Architecture overview
Doc ID 16324 Rev 2
21/83
2.18
I2S interface
The I2S interface is very similar to the TDM block, but the frame sync is limited to Philips I2S
definition. It is composed of 4 signals:
●
I2S_LRCK; Left and right channels synchronization (Master/slave)
●
I2S_CLK: I2S clock (Master/slave)
●
I2S_DIN: I2S clock (Master/slave)
●
I2S DOUT: I2S output (tri-state)
The DOUT line can be high impedance when out of samples. Data is always stored in 32 bit
format in the buffer. A shift left operation is possible to left align the data.
Main features:
●
Can be master or slave for the clock and sync signals
●
Buffering of up to 1024 samples (512 left and 512 right samples representing 64 ms of
voice). Data is stored always on 32 bits.
●
Left and right channels are stored in two different buffers.
●
Two banks are used to exchange data with the processor.
●
In master mode, LRCK can be adjusted for 8, 16 or 32 bits width.
●
Data width can be less than LRCK width. Input (received on I2S_DIN) and output
(transmitted on DOUT) can be 8, 16 or 32 bits.
2.19
GPIOs
The General Purpose Input/Outputs (GPIOs) provide programmable inputs or outputs.
Main features:
●
Individually programmable input/output pins implemented in 3 blocks:
–
Up to 6 base GPIOs in the basic subsystem (basGPIO)
–
Up to 18 GPIOs in the RAS subsystem (G10 and G8)
–
Up to 18 GPIOs in the keyboard controller
–
Up to 8 GPIOs in the independent GPIO block (GPIO[7:0])
●
Programmable interrupt generation capability up to 22 pins.
●
Base GPIOs and independent GPIOs support bit masking in both read and write
operation through address lines.
Up to 62 general purpose I/Os are available in Mode 4 (LEND_IP_ph) (see Table 10).
●
In this mode the application can use:
–
10 GPIOs in G10 block
–
8 GPIOs in G8 block (0 to 3 in output mode only)
–
18 GPIO (keyboard controller I/Os in GPIO mode)
–
6 base GPIOs (basGPIO) (enabled as alternate functions (see Table 11)
–
8 IT pins (input only, with interrupt capability)
–
4 SYNC outputs (SYNC4-7)
–
8 SPI_I2C outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com