Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 18Page - STMicroelectronics SPEAR300 Datasheet HTML 19Page - STMicroelectronics SPEAR300 Datasheet HTML 20Page - STMicroelectronics SPEAR300 Datasheet HTML 21Page - STMicroelectronics SPEAR300 Datasheet HTML 22Page - STMicroelectronics SPEAR300 Datasheet HTML 23Page - STMicroelectronics SPEAR300 Datasheet HTML 24Page - STMicroelectronics SPEAR300 Datasheet HTML 25Page - STMicroelectronics SPEAR300 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Architecture overview
SPEAr300
22/83
Doc ID 16324 Rev 2
2.20
Keyboard controller
SPEAr300 provides a GPIO/keyboard controller block which is a two-mode input and output
port.
Main features:
●
The selection between the two modes is an APB Bus programmable bit.
●
Keyboard interface uses 18 pins
●
18-bit general-purpose parallel port with input or output single pin programmability
●
Pins can be used as general purpose I/O or to drive a 9 x 9 keyboard (81 keys)
●
Keyboard scan period can be adjusted between 10 ms and 80 ms
●
Supports auto-scanning with debouncing.
2.21
CLCD controller
SPEAr300 has a color liquid crystal display controller (CLCDC) that provides all the
necessary control signals to interface directly to a variety of color and monochrome LCD
panels.
Main features:
●
Resolution programmable up to 1024 x 768
●
16-bpp true-color non-palletized, for color STN and TFT
●
24-bpp true-color non-palletized, for color TFT
●
Supports single and dual panel mono super twisted nematic (STN) displays with 4 or 8-
bit interfaces
●
Supports single and dual-panel color and monochrome STN displays
●
Supports thin film transistor (TFT) color displays
●
15 gray-level mono, 3375 color STN, and 32 K color TFT support
●
1, 2, or 4 bits per pixel (bpp) palletized displays for mono STN
●
1, 2, 4 or 8-bpp palletized color displays for color STN and TFT
●
Programmable timing for different display panels
●
256 entry, 16-bit palette RAM, arranged as a 128 x 32-bit RAM physically frame, line
and pixel clock signals
●
AC bias signal for STN and data enable signal for TFT panels patented gray scale
algorithm
●
Supports little and big-endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com