Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 28Page - STMicroelectronics SPEAR300 Datasheet HTML 29Page - STMicroelectronics SPEAR300 Datasheet HTML 30Page - STMicroelectronics SPEAR300 Datasheet HTML 31Page - STMicroelectronics SPEAR300 Datasheet HTML 32Page - STMicroelectronics SPEAR300 Datasheet HTML 33Page - STMicroelectronics SPEAR300 Datasheet HTML 34Page - STMicroelectronics SPEAR300 Datasheet HTML 35Page - STMicroelectronics SPEAR300 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
Pin description
SPEAr300
32/83
Doc ID 16324 Rev 2
Table 6.
USB pin descriptions
Group
Signal name
Ball
Direction
Function
Pin type
USB DEV
DEV_DP
M1
I/O
USB Device D+
Bidirectional
analog buffer 5 V
tolerant
DEV_DM
M2
USB Device D-
DEV_VBUS
G3
Input
USB Device
VBUS
TTL input buffer
3.3 V tolerant, PD
HOST1_DP
H1
I/O
USB HOST1 D+
Bidirectional
analog buffer 5 V
tolerant
HOST1_DM
H2
USB HOST1 D-
USB HOST
HOST1_VBUS
H3
Output
USBHOST1
VBUS
TTL output buffer
3.3 V capable, 4
mA
HOST1_OVRC
J4
Input
USB Host1
Over-Current
TTL input buffer
3.3 V tolerant, PD
HOST0_DP
K1
I/O
USB HOST0 D+
Bidirectional
analog buffer 5 V
tolerant
HOST0_DM
K2
USB HOST0 D-
HOST0_VBUS
J3
Output
USB HOST0
VBUS
TTL output buffer
3.3 V capable, 4
mA
HOST0_OVRC
H4
Input
USB Host0
Over-current
TTL Input Buffer
3.3 V tolerant, PD
USB_TXRTUNE
K5
Output
Reference resistor
Analog
USB_ANALOG_T
EST
L4
Output
Analog Test
Output
Analog
Table 7.
ADC pin description
Group
Signal name
Ball
Direction
Function
Pin type
ADC
AIN_0
N16
Input
ADC analog input
channel
Analog buffer 2.5
V tolerant
AIN_1
N15
AIN_2
P17
AIN_3
P16
AIN_4
P15
AIN_5
R17
AIN_6
R16
AIN_7
R15
ADC_VREFN
N14
ADC negative
voltage reference
ADC_VREFP
P14
ADC positive
voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com