Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
59/83
6.1.3
DDR2 command timings
Figure 11.
DDR2 Command waveforms
Figure 12.
DDR2 Command path
6.2
CLCD timing characteristics
The characterization timing is done considering an output load of 10 pF on all the
outputs.The operating conditions are in worst case V=0.90 V T=125 °C and in best case V
=1.10 V T= 40° C.
The CLCD has a wide variety of configurations and setting and the parameters change
accordingly. Two main scenarios will be considered, one with direct clock to output (166
Table 28.
DDR2 Command timings
Frequency
t4 max
t5 max
Unit
333 MHz
1.39
1.40
ns
266 MHz
1.77
1.78
ns
200 MHz
2.39
2.40
ns
166 MHz
2.90
2.91
ns
133 MHz
3.65
3.66
ns
t4
t5
CLK
ADDRESS, STROBEs,
AND CONTROL LINES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com