Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics SPEAR300 Datasheet HTML 64Page - STMicroelectronics SPEAR300 Datasheet HTML 65Page - STMicroelectronics SPEAR300 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
Timing requirements
SPEAr300
62/83
Doc ID 16324 Rev 2
6.3
I2C timing characteristics
The characterization timing is done considering an output load of 10 pF on SCL and SDA.
The operating conditions are V = 0.90 V, TA=125° C in worst case and V =1.10 V, TA= 40° C
in best case.
Figure 17.
I2C output pins
Figure 18.
I2C input pins
The flip-flops used to capture the incoming signals are re-synchronized with the AHB clock
(HCLK): so, no input delay calculation is required.
Those values are referred to the common internal source clock which has a period of:
tHCLK = 6 ns.
Table 31.
Output delays for I2C signals
Parameter
Min
Max
Unit
tHCLK->SCLH
8.1067
11.8184
ns
tHCLK->SCLL
7.9874
12.6269
ns
tHCLK->SDAH
7.5274
11.2453
ns
tHCLK->SDAL
7.4081
12.0530
ns
Set
Q
Q
D
Clr
Set
Q
Q
D
Clr
HCLK
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com