Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 53Page - STMicroelectronics SPEAR300 Datasheet HTML 54Page - STMicroelectronics SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
57/83
6
Timing requirements
6.1
DDR2 timing characteristics
The characterization timing is done considering an output load of 10 pF on all the DDR
pads. The operating conditions are in worst case V = 0.90 V TA = 125° C and in best case
V=1.10 V TA = 40° C.
6.1.1
DDR2 read cycle timings
Figure 7.
DDR2 Read cycle waveforms
Figure 8.
DDR2 Read cycle path
Table 26.
DDR2 Read cycle timings
Frequency
t4 max
t5 max
333 MHz
1.24 ns
-495 ps
266 MHz
1.43 ns
-306 ps
200 MHz
1.74 ns
4 ps
t4
t5
t5
t4
t4
DQS
DQ
t3
t1
t2
DLL
D
Q
Q
CLR
SET
DQ
DQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com