Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 11Page - STMicroelectronics SPEAR300 Datasheet HTML 12Page - STMicroelectronics SPEAR300 Datasheet HTML 13Page - STMicroelectronics SPEAR300 Datasheet HTML 14Page - STMicroelectronics SPEAR300 Datasheet HTML 15Page - STMicroelectronics SPEAR300 Datasheet HTML 16Page - STMicroelectronics SPEAR300 Datasheet HTML 17Page - STMicroelectronics SPEAR300 Datasheet HTML 18Page - STMicroelectronics SPEAR300 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
SPEAr300
Architecture overview
Doc ID 16324 Rev 2
15/83
2.6
RTC oscillator
The RTC provides a 1-second resolution clock. This keeps time when the system is inactive
and can be used to wake the system up when a programmed alarm time is reached. It has a
clock trimming feature to compensate for the accuracy of the 32.768 kHz crystal and a
secured time update.
2.7
Multichannel DMA controller
Within its basic subsystem, SPEAr300 provides an DMA controller (DMAC) able to service
up to 8 independent DMA channels for sequential data transfers between single source and
destination (i.e., memory-to-memory, memory-to-peripheral, peripheral to- memory, and
peripheral-to-peripheral).
Each DMA channel can support a unidirectional transfer, with internal four-word FIFO per
channel.
2.8
Embedded memory units
32 Kbytes of BootROM
Up to 57 Kbytes of SRAM
The size of available SRAM varies according to the peripheral configuration mode See
Table 10.:
57 Kbytes in modes 1 and 2
8 Kbytes in modes 3 to 13.
2.9
Mobile DDR/DDR2 memory controller
SPEAr300 integrates a high performances multi-channel memory controller able to support
low power Mobile DDR and DDR2 double data rate memory devices. The multi-port
architecture ensures memory is shared efficiently among different high-bandwidth client
modules.
It has 6 internal ports. One of them is reserved for register access during the controller
initialization while the other five are used to access the external memory.
It also include the physical layer (PHY) and some DLLs that allow fine tuning of all the timing
parameters to maximize the data valid windows at any frequency in the allowed range.
2.10
Serial memory interface
SPEAr300 provides a serial memory interface (SMI) to SPI-compatible off-chip memories.
These serial memories can be used for both data storage and code execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com