Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 35Page - STMicroelectronics SPEAR300 Datasheet HTML 36Page - STMicroelectronics SPEAR300 Datasheet HTML 37Page - STMicroelectronics SPEAR300 Datasheet HTML 38Page - STMicroelectronics SPEAR300 Datasheet HTML 39Page - STMicroelectronics SPEAR300 Datasheet HTML 40Page - STMicroelectronics SPEAR300 Datasheet HTML 41Page - STMicroelectronics SPEAR300 Datasheet HTML 42Page - STMicroelectronics SPEAR300 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
SPEAr300
Pin description
Doc ID 16324 Rev 2
39/83
Mode 13: 8-bit camera with LCD
Main features:
●
8-bit camera interface
●
9x9 keyboard
●
CLCD controller interface
●
Digital-to-analog converter (DAC)
●
I2S block
●
4 SPI/I2C control signals
●
TDM block capable of communicating with 2 external devices
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
●
GPIOs with interrupt capability
3.3.3
Alternate functions
Other peripheral functions are listed in the Alternate Functions column of Table 11:
PL_GPIO multiplexing scheme and can be enabled/disabled using by via RAS register 1.
Refer to the user manual for the register descriptions.
3.3.4
Boot pins
The status of the boot pins is read at startup by the BootROM. Refer to the description of the
Boot register in the SPEAr300 user manual.
3.3.5
GPIOs
Some PL_GPIO pins can be used as software controlled general purpose I/Os (GPIOs) .
●
6 base GPIOs can be enabled as alternate functions on PL_GPIO.
●
18 GPIO are provided by the RAS IPs G8 and G10 on PL_GPIO.
●
18 GPIOs are available if the GPIO/ keyboard controller is configured in GPIO mode.
3.3.6
Multiplexing scheme
The two multiplexers shown in Figure 4 are controlled by different registers. The first
multiplexer selects the I/O functions of the RAS IPs in one of 13 modes shown in
“Configuration mode” columns in Table 11). This selection is programmable via 4 bits in RAS
register 2.
The second multiplexer is controlled by RAS register 1 and allows you to enable the I/O
functions shown in alternate functions column of Table 11.
To get more information about these registers, please refer to the SPEAr300 user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com