Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics SPEAR300 Datasheet HTML 64Page - STMicroelectronics SPEAR300 Datasheet HTML 65Page - STMicroelectronics SPEAR300 Datasheet HTML 66Page - STMicroelectronics SPEAR300 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
63/83
Figure 19.
Output signal waveforms for I2C signals
The timing of high and low level of SCL (tSCLHigh and tSCLLow) are programmable.
Table 32.
Time characteristics for I2C in high-speed mode
Parameter
Min
Unit
tSU-STA
157.5897
ns
tHD-STA
325.9344
tSU-DAT
314.0537
tHD-DAT
0.7812
tSU-STO
637.709
tHD-STO
4742.1628
Table 33.
Time characteristics for I2C in fast speed mode
Parameter
Min
Unit
tSU-STA
637.5897
ns
tHD-STA
602.169
tSU-DAT
1286.0537
tHD-DAT
0.7812
tSU-STO
637.709
tHD-STO
4742.1628
Table 34.
Time characteristics for I2C in standard speed mode
Parameter
Min
Unit
tSU-STA
4723.5897
ns
tHD-STA
3991.9344
tSU-DAT
4676.0537
tHD-DAT
0.7812
tSU-STO
4027.709
tHD-STO
4742.1628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com