Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics SPEAR300 Datasheet HTML 64Page - STMicroelectronics SPEAR300 Datasheet HTML 65Page - STMicroelectronics SPEAR300 Datasheet HTML 66Page - STMicroelectronics SPEAR300 Datasheet HTML 67Page - STMicroelectronics SPEAR300 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
Timing requirements
SPEAr300
64/83
Doc ID 16324 Rev 2
Note:
1
The timings shown in Figure 19 depend on the programmed value of TSCLHigh and TSCLLow,
so the values present in the three tables here above have been calculated using the
minimum programmable values of :
IC_HS_SCL_HCNT=19 and IC_HS_SCL_LCNT=53 registers (for High-Speed mode);
IC_FS_SCL_HCNT=99 and IC_FS_SCL_LCNT=215 registers (for Fast-Speed mode);
IC_SS_SCL_HCNT=664 and IC_SS_SCL_LCNT=780 registers (for Standard-Speed
mode).
Note:
1
These minimum values depend on the AHB clock (HCLK) frequency, which is 166 MHz.
2
A device may internally require a hold time of at least 300 ns for the SDA signal (referred to
the VIHmin of the SCL signal) to bridge the undefined region of the falling edge of SCL
(Please refer to the I2C Bus Specification v3-0 Jun 2007). However, the SDA data hold time
in the I2C controller of SPEAr300 is one-clock cycle based (6 ns with the HCLK clock at 166
MHz). This time may be insufficient for some slave devices. A few slave devices may not
receive the valid address due to the lack of SDA hold time and will not acknowledge even if
the address is valid. If the SDA data hold time is insufficient, an error may occur.
3
Workaround: If a device needs more SDA data hold time than one clock cycle, an RC delay
circuit is needed on the SDA line as illustrated in the following figure:
Figure 20.
RC delay circuit
For example, R= K and C = 200 pF.
6.4
FSMC timing characteristics
The characterization timing is done considering an output load of 3 pF on the data, 15 pF on
NF_CE, NF_RE and NF_WE and 10 pF on NF_ALE and NF_CLE.
The operating conditions are V= 0.90 V, T=125 °C in worst case and V=1.10 V, T= 40 °C in
best case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com