Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics SPEAR300 Datasheet HTML 64Page - STMicroelectronics SPEAR300 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
61/83
6.2.2
CLCD timing characteristics divided clock
Figure 15.
CLCD waveform with CLCP divided
Figure 16.
CLCD block diagram with CLCP divided
Table 105.
Note:
1
tSTABLE = tCLOCK direct max - (tmax + tmin)
2For tmax the maximum value is taken from the worst case and for tmin the minimum value is
taken from the best case.
3
CLCP should be delayed by {tmax + [tCLOCK direct max - (tmax + tmin)]/2} = 6.945 ns
Table 30.
CLCD timings with CLCP divided
Parameter
Value
Frequency
tCLOCK divided max
12 ns
83.3 MHz
tCLOCK divided max rise (tr)
0.81 ns
tCLOCK divided max (tf)
0.87 ns
tmin
-0.49 ns
tmax
2.38 ns
tSTABLE
9.13 ns
Tmin
Tmax
CLCP
CLD[23:0],CLAC,CLLE,CLLP,
CLFP,CLPOWER
Tclock
Tr
Tf
Tstable
Q
Q
SET
CLR
D
t2
CLCP
CLD[23:0],CLAC,CLLE,
CLLP,CLFP,CLPOWER
CLCDCLK
t1
Q
Q
SET
CLR
D
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com