Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 7Page - STMicroelectronics SPEAR300 Datasheet HTML 8Page - STMicroelectronics SPEAR300 Datasheet HTML 9Page - STMicroelectronics SPEAR300 Datasheet HTML 10Page - STMicroelectronics SPEAR300 Datasheet HTML 11Page - STMicroelectronics SPEAR300 Datasheet HTML 12Page - STMicroelectronics SPEAR300 Datasheet HTML 13Page - STMicroelectronics SPEAR300 Datasheet HTML 14Page - STMicroelectronics SPEAR300 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
SPEAr300
Architecture overview
Doc ID 16324 Rev 2
11/83
2
Architecture overview
The SPEAr300 internal architecture is based on several shared subsystem logic blocks
interconnected through a multilayer interconnection matrix.
The switch matrix structure allows different subsystem dataflow to be executed in parallel
improving the core platform efficiency.
High performance master agents are directly interconnected with the memory controller
reducing the memory access latency. The overall memory bandwidth assigned to each
master port can be programmed and optimized through an internal efficient weighted round-
robin arbitration mechanism.
Figure 2.
SPEAr300 overview
2.1
ARM926EJ-S CPU
The core of the SPEAr300 is an ARM926EJ-S reduced instruction set computer (RISC)
processor.
It supports the 32-bit ARM and 16-bit Thumb instruction sets, enabling the user to trade off
between high performance and high code density and includes features for efficient
execution of Java byte codes.
The ARM CPU and is clocked at a frequency up to 333 MHz. It has a 16-Kbyte instruction
cache, a 16-Kbyte data cache, and features a memory management unit (MMU) which
makes it fully compliant with Linux and WindowsCE operating systems.
It also includes an embedded trace module (ETM Medium+) for real-time CPU activity
tracing and debugging. It supports 4-bit and 8-bit normal trace mode and 4-bit demultiplexed
trace mode, with normal or half-rate clock.
TouchScreen
Keypad
controller
Internet
access
SPEAr300
ADC
GPIO
FSMC
NOR Flash
NOR Flash
NAND Flash
NAND Flash
SRAM
SRAM
LCD controller
USB2.0 PHY
USB2.0 PHY
Phy
SPEAr300
ARM 926EJ
up to 333 MHz
57 KB embed. SRAM
32 KB embed. ROM
MMU
DDR
memory
controller
DDR2
DDR2
Mobile DDR
Mobile DDR
EEPROM
EEPROM
SMI
Flash
Flash
USB2.0 PHY
USB2.0 PHY
USB2.0 PHY
USB2.0 PHY
8-channel DMA
3 Timers / WD
Standard OS
support
Interrupt/syst controller
SDIO/MMC
MMC
MMC
SD-Card
SD-Card
SDIO
SDIO
controller
Mobile DDR
Mobile DDR
Db
t
Db
t
JTAG
I2C
JPEG Codec
accelerator
C3 Crypto
accelerator
IdDA
Clock, reset
32 kHz
24 MHz
RTC
Camera
interface
Debug, trace
Debug, trace
ETM9
I2C
I2S
Audio
CODECs
TDM
External
CODEC/SLICs
Note: Some interfaces share I/Os. Not all interfaces shown in the figure can be used
Note: Some interfaces share I/Os. Not all interfaces shown in the figure can be used
concurrently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com