Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 14Page - STMicroelectronics SPEAR300 Datasheet HTML 15Page - STMicroelectronics SPEAR300 Datasheet HTML 16Page - STMicroelectronics SPEAR300 Datasheet HTML 17Page - STMicroelectronics SPEAR300 Datasheet HTML 18Page - STMicroelectronics SPEAR300 Datasheet HTML 19Page - STMicroelectronics SPEAR300 Datasheet HTML 20Page - STMicroelectronics SPEAR300 Datasheet HTML 21Page - STMicroelectronics SPEAR300 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
Architecture overview
SPEAr300
18/83
Doc ID 16324 Rev 2
Main features:
Supports IrDA serial infrared physical layer specification (IrPHY), version 1.3
Supports IrDA link access protocol (IrLAP), version 1.1
Serial infrared (SIR), with rates 9.6 Kbps, 19.2 Kbps, 38.4 Kbps, 57.6 Kbps and
115.2 Kbps
Medium infrared (MIR), with rates 576 Kbps and 1.152 Mbps
Fast infrared (FIR), with rate 4 Mbps.
Transceiver interface compliant with all IrDA transceivers with configurable TX and RX
signal polarity.
Half-duplex infrared frame transmission and reception.
16-bit CRC algorithm for SIR and MIR, and 32-bit CRC algorithm for FIR.
2.14
Synchronous serial port (SSP)
SPEAr300 provides one synchronous serial port (SSP) block that offers a master or slave
interface for synchronous serial communication with slave or master peripherals
Main features:
Maximum speed of 41.5 Mbps
Master and slave mode capability
Programmable clock bit rate and prescale
Separate transmit and receive first-in, first-out memory buffers, 16 bits wide, 8 locations
deep
Programmable choice of interface operation:
SPI (Motorola)
Microwire (National Semiconductor)
TI synchronous serial
Programmable data frame size from 4 to 16-bit.
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts
DMA interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com