Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 25Page - STMicroelectronics SPEAR300 Datasheet HTML 26Page - STMicroelectronics SPEAR300 Datasheet HTML 27Page - STMicroelectronics SPEAR300 Datasheet HTML 28Page - STMicroelectronics SPEAR300 Datasheet HTML 29Page - STMicroelectronics SPEAR300 Datasheet HTML 30Page - STMicroelectronics SPEAR300 Datasheet HTML 31Page - STMicroelectronics SPEAR300 Datasheet HTML 32Page - STMicroelectronics SPEAR300 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
SPEAr300
Pin description
Doc ID 16324 Rev 2
29/83
3
Pin description
The following tables describe the pinout of the SPEAr300 listed by functional block.
List of abbreviations:
PU = Pull Up
PD = Pull Down
3.1
Required external components
1.
DDR_COMP_1V8: place an external 121 k
resistor between ball P4 and ball R4
2.
USB_TX_RTUNE: connect an external 43.2 k
 pull-down resistor to ball K5
3.
DIGITAL_REXT: place an external 121 k
 resistor between ball G4 and ball F4.
3.2
Dedicated pins
Table 2.
Master clock, RTC, Reset and 3.3 V comparator pin descriptions
Group
Signal name
Ball
Direction
Function
Pin type
Master Clock
MCLK_XI
P1
Input
24 MHz (typical)
crystal in
Oscillator 2.5 V
capable
MCLK_XO
P2
Output
24 MHz (typical)
crystal out
RTC
RTC_XI
E2
Input
32 kHz crystal in
Oscillator 1.5 V
capable
RTC_XO
E1
Output
32 kHz crystal out
Reset
MRESET#
M17
Input
Main Reset
TTL Schmitt
trigger input
buffer, 3.3 V
tolerant, PU
3.3 V Comp.
DIGITAL_REXT
G4
Output
Configuration
Analog, 3.3 V
capable
DIGITAL_GND_R
EX
F4
Power
Power
Power
Table 3.
Power supply pin description
Group
Signal name
Ball
Value
DIGITAL
GROUND
GND
G6, G7, G8, G9, G10, G11, H6, H7, H8, H9, H10,
H11, J6, J7, J8, J9, J10, J11, K6, K7, K8, K9, K10,
K11, L6, L7, L8, L9, L10, M8, M9, M10
0 V
ANALOG
GROUND
AGND
F2, G1, J2, L1, L3, L5, N2, N4, P3, R3,N12
0 V
I/O
VDD3
F5, F6, F7, F10, F11, F12, G5, J12, K12, L12, M12
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com