Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 22Page - STMicroelectronics SPEAR300 Datasheet HTML 23Page - STMicroelectronics SPEAR300 Datasheet HTML 24Page - STMicroelectronics SPEAR300 Datasheet HTML 25Page - STMicroelectronics SPEAR300 Datasheet HTML 26Page - STMicroelectronics SPEAR300 Datasheet HTML 27Page - STMicroelectronics SPEAR300 Datasheet HTML 28Page - STMicroelectronics SPEAR300 Datasheet HTML 29Page - STMicroelectronics SPEAR300 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
Architecture overview
SPEAr300
26/83
Doc ID 16324 Rev 2
2.26
USB2 device controller
Main features:
Supports the 480 Mbps high-speed mode (HS) for USB 2.0, as well as the 12 Mbps
full-speed (FS) and the 1.5 Mbps low-speed (LS modes) for USB 1.1
Supports 16 physical endpoints, which can be assigned to different interfaces and
configurations to implement logical endpoints
Integrated USB transceiver (PHY)
Local 4 Kbyte FIFO shared by all endpoints
DMA mode and slave-only mode are supported
In DMA mode, the UDC supports descriptor-based memory structures in application
memory
In both modes, an AHB slave is provided by UDC-AHB, acting as programming
interface to access to memory-mapped control and status registers (CSRs)
An AHB master for data transfer to system memory is provided, supporting 8, 16, and
32-bit wide data transactions on the AHB bus
A USB plug detect (UPD) which detects the connection of a cable.
2.27
JPEG (CODEC)
SPEAr300 provides a JPEG CODEC with header processing (JPGC), able to decode (or
encode) image data contained in the RAM memory, from the JPEG (or MCU) format to the
MCU (or JPEG) format.
Main features:
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
Single-clock per pixel encoding/decoding
Support for up to four channels of component color
8-bit/channel pixel depths
Programmable quantization tables (up to four)
Programmable Huffman tables (two AC and two DC)
Programmable minimum coded unit (MCU)
Configurable JPEG headers processing
Support for restart marker insertion
Use of two DMA channels and of two 8 x 32-bits FIFO’s (local to the JPEG) for efficient
transferring and buffering of encoded/decoded data from/to the CODEC core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com