Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 5Page - STMicroelectronics SPEAR300 Datasheet HTML 6Page - STMicroelectronics SPEAR300 Datasheet HTML 7Page - STMicroelectronics SPEAR300 Datasheet HTML 8Page - STMicroelectronics SPEAR300 Datasheet HTML 9Page - STMicroelectronics SPEAR300 Datasheet HTML 10Page - STMicroelectronics SPEAR300 Datasheet HTML 11Page - STMicroelectronics SPEAR300 Datasheet HTML 12Page - STMicroelectronics SPEAR300 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
SPEAr300
Description
Doc ID 16324 Rev 2
9/83
1.1
Main features:
ARM926EJ-S 32-bit RISC CPU, up to 333 MHz
16 Kbytes of instruction cache, 16 Kbytes of data cache
3 instruction sets: 32-bit for high performance, 16-bit (Thumb) for efficient code
density, bytecode Java mode (Jazelle™) for direct execution of Java code.
AMBA bus interface
32-KByte on-chip BootROM
8-KByte on-chip SRAM
16-bit mobile DDR/DDR2 memory controller (up to 333 MHz)
Serial memory interface
SDIO/MMC interface supporting SPI, SD1, SD4 and SD8 mode with card detect, write
protect, LED
8/16-bits NOR Flash/NAND Flash controller
Boot capability from NAND Flash, serial/parallel NOR Flash, Ethernet and UART
Boot and field upgrade capability from USB
Multichannel DMA controller
Color LCD Controller for STN/TFT display panels
up to 1024 x 768 resolution
24 bpp true color
Up to 62 GPIOs (muxed with peripheral I/Os), up to 22 with interrupt capability
JPEG CODEC accelerator, 1 clock/pixel
Camera interface ITU-601 with external or embedded synchronization (ITU-656 or
CSI2). Picture limit is given by the line length that must be stored in a 2048 x 32 buffer
C3 Crypto accelerator (DES/3DES/AES/SHA1)
TDM master/slave
Up to 512 timeslots
Any input timeslot can be switched to any output timeslot, and/or can be buffered
for computation
Up to 16 channels of 1 to 4 timeslots buffered during 32 ms
Up to 16 buffers can be played in output timeslots
I2S interface, full duplex with data buffer for left and right channels allowing up to 64 ms
of voice buffer (for 32 bit samples).
10-bit ADC, 1 Msps, 8 inputs/1-bit DAC
9 x 9 keyboard controller
Ethernet MAC 10/100 Mbps (MII PHY interface)
Two USB2.0 host (high-full-low speed) with integrated PHY transceiver
One USB2.0 device (high-full-low speed) with integrated PHY transceiver
SSP master/slave (Motorola SPI, Texas instruments, National semiconductor
protocols) up to 50 Mbps
I2C (slow- fast-high speed, up to 1.2 Mb/s) master/slave
I/O peripherals
UART (speed rate up to 3 Mbps)
IrDA (FIR/MIR/SIR) 9.6 kbps to 4 Mbps speed-rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com