Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 51Page - STMicroelectronics SPEAR300 Datasheet HTML 52Page - STMicroelectronics SPEAR300 Datasheet HTML 53Page - STMicroelectronics SPEAR300 Datasheet HTML 54Page - STMicroelectronics SPEAR300 Datasheet HTML 55Page - STMicroelectronics SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
SPEAr300
Electrical characteristics
Doc ID 16324 Rev 2
55/83
5.7
Power up sequence
It is recommended to power up the power supplies in the order shown in Figure 5. VDD 1.2 is
brought up first, followed by VDD 1.8, then VDD 2.5 and finally VDD 3.3.
Figure 5.
Power-up sequence
5.8
Removing power supplies for power saving
It is recommended to remove the the power supplies in the order shown in Figure 6. So VDD
3.3
supply is to be removed first, then the VDD 2.5 supply, followed by the VDD 1.8 supply and
last the VDD 1.2.
Table 24.
On die termination
Symbol
Parameter
Min
Typ
Max
Unit
RT1*
Termination value of resistance for on die
termination
75
RT2*
Termination value of resistance for on die
termination
150
Table 25.
Reference voltage
Symbol
Parameter
Min
Typ
Max
Unit
VREFIN
Voltage applied to core/pad
0.49 *
VDDE
0.500 *
VDDE
0.51 *
VDDE
V
VDD 1.2
VDD1.8
VDD 2.5
VDD 3.3
Power-up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com