Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 26Page - STMicroelectronics SPEAR300 Datasheet HTML 27Page - STMicroelectronics SPEAR300 Datasheet HTML 28Page - STMicroelectronics SPEAR300 Datasheet HTML 29Page - STMicroelectronics SPEAR300 Datasheet HTML 30Page - STMicroelectronics SPEAR300 Datasheet HTML 31Page - STMicroelectronics SPEAR300 Datasheet HTML 32Page - STMicroelectronics SPEAR300 Datasheet HTML 33Page - STMicroelectronics SPEAR300 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
Pin description
SPEAr300
30/83
Doc ID 16324 Rev 2
CORE
VDD
F8, F9, G12, H5, H12, J5, L11, M6, M7, M11
1.2 V
USB HOST0
PHY
HOST0_VDDbc
L2
2.5 V
HOST0_VDDb3
K4
3.3 V
HOST0_VDDbs
M3
1.2 V
USB HOST 1
PHY
HOST1_VDDbc
K3
2.5 V
HOST1_VDDb3
J1
3.3 V
HOST1_VDDbs
M3
1.2 V
USB DEVICE
PHY
DEVICE_VDDbc N1
2.5 V
DEVICE_VDDb3 N3
3.3 V
HOST0_VDDbs
M3
1.2V
OSCI (master
clock)
MCLK_VDD
R1
1.2V
MCLK_VDD2v5
R2
2.5 V
PLL1
DITH1_AVDD
G2
2.5 V
PLL2
DITH2_AVDD
M4
2.5 V
DDR I/O
SSTL_VDDe
M5, N5, N6, N7, N8, N9, N10, N11
1.8 V
ADC
ADC_AVDD
N13
2.5 V
OSCI RTC
RTC VDD
F1
1.5 V
Table 4.
Debug pin descriptions
Group
Signal name
Ball
Direction
Function
Pin type
DEBUG
TEST_0
K16
Input
Test[4:0]
configuration
ports. For
functional mode,
they have to be
set to 00110.
TTL input buffer,
3.3 V tolerant, PD
TEST_1
K15
TEST_2
K14
TEST_3
K13
TEST_4
J15
BOOT_SEL
J14
nTRST
L16
Input
Test reset input
TTL Schmitt
trigger input
buffer, 3.3 V
tolerant, PU
TDO
L15
Output
Test data output
TTL output buffer,
3.3 V capable 4
mA
TCK
L17
Input
Test clock
TTL Schmitt
trigger input
buffer, 3.3 V
tolerant, PU
TDI
L14
Input
Test data input
TMS
L13
Input
Test mode select
Table 3.
Power supply pin description (continued)
Group
Signal name
Ball
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com