Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 21Page - STMicroelectronics SPEAR300 Datasheet HTML 22Page - STMicroelectronics SPEAR300 Datasheet HTML 23Page - STMicroelectronics SPEAR300 Datasheet HTML 24Page - STMicroelectronics SPEAR300 Datasheet HTML 25Page - STMicroelectronics SPEAR300 Datasheet HTML 26Page - STMicroelectronics SPEAR300 Datasheet HTML 27Page - STMicroelectronics SPEAR300 Datasheet HTML 28Page - STMicroelectronics SPEAR300 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
SPEAr300
Architecture overview
Doc ID 16324 Rev 2
25/83
2.24
Ethernet controller
SPEAr300 provides an Ethernet MAC 10/100 Universal (commonly referred to as GMAC-
UNIV), enabling to transmit and receive data over Ethernet in compliance with the IEEE
802.3-2002 standard.
Note:
GMAC is a hardware block implementing Ethernet MAC layer 2 processing. GMAC is
configured for 10/100 Mbps operation on SPEAr3xx family and up to 1 Gbps on SPEAr600.
Main features:
Compliant with the IEEE 802.3-2002 standard
Supports the default MII interface to the external PHY
Supports 10/100 Mbps data transfer rates
Local FIFO available (4 Kbyte RX, 2 Kbyte TX)
Supports both half-duplex and full-duplex operation. In half-duplex operation,
CSMA/CD protocol is provided for, as well as packet bursting and frame extension at
100 Mbps
Programmable frame length to support both standard and jumbo Ethernet frames with
size up to 16 Kbyte
A variety of flexible addresses filtering modes are supported
A set of control and status registers (CSRs) to control MAC core operation
Native DMA with single-channel transmit and receive engines
DMA implements dual-buffer (ring) or linked-list (chained) descriptor chaining
An AHB slave acting as programming interface to access all CSRs, for both DMA and
MAC core subsystems
An AHB master for data transfer to system memory
32-bit AHB master bus width, supporting 32, 64, and 128-bit wide data transactions
It supports both little and big endian memory architectures
2.25
USB2 host controller
SPEAr300 has a fully independent USB 2.0 host controller, consisting of the following six
major blocks:
An EHCI block for high-speed transfers (HS mode, 480 Mbps)
2 OHCI blocks for full and low speed transfers (FS and LS modes, 12 and 1.5 Mbps)
Local 2-Kbyte FIFO
Local DMA
Integrated USB2 transceiver (PHY)
This host can manage an external power switch, providing a control line to enable or disable
the power, and an input line to sense any over-current condition detected by the external
switch.
The Host controller is capable of managing two different devices at a time on its two
downstream ports.
An HS device connected to either of the two ports is managed by the EHCI.
An FS/LS device connected to port0 is managed by OHCI0.
An FS/LS device connected to port1 is managed by OHCI1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com