Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 20Page - STMicroelectronics SPEAR300 Datasheet HTML 21Page - STMicroelectronics SPEAR300 Datasheet HTML 22Page - STMicroelectronics SPEAR300 Datasheet HTML 23Page - STMicroelectronics SPEAR300 Datasheet HTML 24Page - STMicroelectronics SPEAR300 Datasheet HTML 25Page - STMicroelectronics SPEAR300 Datasheet HTML 26Page - STMicroelectronics SPEAR300 Datasheet HTML 27Page - STMicroelectronics SPEAR300 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
Architecture overview
SPEAr300
24/83
Doc ID 16324 Rev 2
2.23
SDIO controller/MMC card interface
The SDIO host controller has an AMBA compatible interface and conforms to the SD host
controller standard specification version 2.0. It handles SD/SDIO protocol at transmission
level, packing data, adding cyclic redundancy check (CRC), start/end bit, and checking for
transaction format correctness.
Main features:
Meets the following standard specifications:
SD host controller standard specification version 2.0
SDIO card specification version 2.0
SD memory card specification draft version 2.0
SD memory card security specification version 1.01
MMC specification version 3.31 and 4.2
Supports both DMA and non-DMA mode of operation
Supports MMC plus and MMC mobile
Card detection (insertion/removal)
Password protection of cards
Host clock rate variable between 0 and 48 MHz
Supports 1-bit, 4-bit and 8-bit SD modes and SPI mode
Supports Multi Media Card interrupt mode
Allows card to interrupt host in 1-bit, 4-bit, 8-bit SD modes and SPI mode.
Up to 100 Mbit/s data rate using 4 parallel data lines (sd4-bit mode)
Up to 416 Mbit/s data rate using 8-bit parallel data lines (sd8-bit mode)
Cyclic redundancy check CRC7 for command and CRC16 for data integrity
Designed to work with I/O cards, read-only cards and read/write cards
Error correction code (ECC) support for MMC4.2 cards
Supports read wait control, suspend/resume operation
Supports FIFO overrun and underrun condition by stopping the SD clock
Conforms to AMBA specification AHB (2.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com