Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 9Page - STMicroelectronics SPEAR300 Datasheet HTML 10Page - STMicroelectronics SPEAR300 Datasheet HTML 11Page - STMicroelectronics SPEAR300 Datasheet HTML 12Page - STMicroelectronics SPEAR300 Datasheet HTML 13Page - STMicroelectronics SPEAR300 Datasheet HTML 14Page - STMicroelectronics SPEAR300 Datasheet HTML 15Page - STMicroelectronics SPEAR300 Datasheet HTML 16Page - STMicroelectronics SPEAR300 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
SPEAr300
Architecture overview
Doc ID 16324 Rev 2
13/83
Figure 3.
Clock generator overview
The multi clock generator block, takes a reference signal (which is usually delivered by the
PLL), generates all clocks for the IPs of SPEAr300 according to dedicated programmable
registers.
Each PLL uses an oscillator input of 24 MHz to generate a clock signal at a frequency
corresponding to the highest of the group. This is the reference signal used by the multi
clock generator block to obtain all the other required clocks for the group. Its main feature is
electromagnetic interference reduction capability.
The user can set up the PLL in order to modulate the VCO with a triangular wave. The
resulting signal has a spectrum (and power) spread over a small programmable range of
frequencies centered on F0 (the VCO frequency), obtaining minimum electromagnetic
emissions. This method replaces all the other traditional methods of EMI reduction, such as
filtering, ferrite beads, chokes, adding power layers and ground planes to PCBs, metal
shielding and so on. This gives the customer appreciable cost savings.
In sleep mode the SPEAr300 runs with the PLL disabled so the available frequency is 24
MHz or a sub-multiple (/2, /4, /8).
2.2.2
Power saving system mode control
Using three mode control bits, the system controller switch the SPEAr300 to any one of four
different modes: DOZE, SLEEP, SLOW and NORMAL.
SLEEP mode: In this mode the system clocks, HCLK and CPU_CLK, are disabled and
the System Controller clock is driven by a low speed oscillator (nominally 32768 Hz).
When either a FIQ or an IRQ interrupt is generated (through the VIC) the system enters
PLL1
DIV 2
PLL2
PLL3
DIV 4
HCLK
CPU_CLK
PCLK
DDR_CLK
CLK12MHZ
CLK30MHZ
CLK48MHZ
83 MHz
333 MHz
166 MHz
166 MHz
OSC
RTC
CLK32MHZ
32.768 kHz
24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com