Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 32Page - STMicroelectronics SPEAR300 Datasheet HTML 33Page - STMicroelectronics SPEAR300 Datasheet HTML 34Page - STMicroelectronics SPEAR300 Datasheet HTML 35Page - STMicroelectronics SPEAR300 Datasheet HTML 36Page - STMicroelectronics SPEAR300 Datasheet HTML 37Page - STMicroelectronics SPEAR300 Datasheet HTML 38Page - STMicroelectronics SPEAR300 Datasheet HTML 39Page - STMicroelectronics SPEAR300 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
Pin description
SPEAr300
36/83
Doc ID 16324 Rev 2
The following modes can be selected by programming some control registers present in the
reconfigurable array subsystem.
NAND mode
NOR Mode
PHOTO_FRAME Mode (PHOTO FRAME)
LEND_IP_PHONE Mode (LOW END IP PHONE)
HEND_IP_PHONEMode (HIGH END IP PHONE)
LEND_WIFI_PHONE Mode (LOW END WI-FI PHONE)
HEND_WIFI_PHONE Mode (HIGH END WI-FI PHONE)
ATA_PABX_wI2S Mode (ATA PABX without I2S)
ATA_PABX_I2S Mode (ATA PABX with I2S)
CAMl_LCDw Mode (8-bit CAMERA without LCD)
CAMu_LCD Mode (14-bit camera with LCD)
CAMu_wLCD Mode (14-bit camera without LCD)
CAMl_LCD Mode (8-bit camera with LCD)
Configuration 1 is the default mode for SPEAr300. It supports the FSMC interface for NAND
Flash connectivity and boot pins used for selecting the boot mode.
Mode 1: NAND interface
NAND mode mainly provides:
NAND Flash interface (16 bits, 5 control signals)
Mode 2: NOR interface
NOR mode mainly provides:
External Memory Interface (16 data bits, 24 address bits and 4 chip selects)
Mode 3: Photo frame
Photo frame mode mainly provides:
NAND Flash interface (16 bits, 5 control signals)
CLCD controller interface
TDM for voice/music capabilities
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
GPIOs with interrupt capability
Mode 4: Low end IP phone
Low end IP phone mode mainly provides:
9x9 keyboard
8 SPI/I2C control signals
I2S block
GPIOs with interrupt capability
Digital-to-analog converter (DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com