Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 56Page - STMicroelectronics SPEAR300 Datasheet HTML 57Page - STMicroelectronics SPEAR300 Datasheet HTML 58Page - STMicroelectronics SPEAR300 Datasheet HTML 59Page - STMicroelectronics SPEAR300 Datasheet HTML 60Page - STMicroelectronics SPEAR300 Datasheet HTML 61Page - STMicroelectronics SPEAR300 Datasheet HTML 62Page - STMicroelectronics SPEAR300 Datasheet HTML 63Page - STMicroelectronics SPEAR300 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
Timing requirements
SPEAr300
60/83
Doc ID 16324 Rev 2
MHz), setting BCD bit to '1', and the second one with the clock passing through a clock
divider (83 MHz), setting BCD bit to '0'.
6.2.1
CLCD timing characteristics direct clock
Figure 13.
CLCD waveform with CLCP direct
Figure 14.
CLCD block diagram with CLCP direct
Note:
1
tSTABLE = tCLOCK direct max - (tmax + tmin)
2For tmax the maximum value is taken from the worst case and best case, while for tmin the
minimum value is taken from the worst case and best case.
3
CLCP should be delayed by {tmax + [tCLOCK direct max - (tmax + tmin)]/2} = 4.7915 ns
Table 29.
CLCD timings with CLCP direct
Parameter
Value
Frequency
tCLOCK direct max (tCLOCK )
6 ns
166 MHz
tCLOCK direct max rise (tr)
0.81 ns
tCLOCK direct max (tf)
0.87 ns
tmin
-0.04 ns
tmax
3.62 ns
tSTABLE
2.34 ns
Tmin
Tmax
CLCP
CLD[23:0],CLAC,CLLE,CLLP,
CLFP,CLPOWER
Tclock
Tr
Tf
Tstabl e
Q
Q
SET
CLR
D
t2
t3
CLCP
CLD[23:0],CLAC,CLLE,
CLLP,CLFP,CLPOWER
CLCDCLK
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com