Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR300 Datasheet HTML 1Page - STMicroelectronics SPEAR300 Datasheet HTML 2Page - STMicroelectronics SPEAR300 Datasheet HTML 3Page - STMicroelectronics SPEAR300 Datasheet HTML 4Page - STMicroelectronics SPEAR300 Datasheet HTML 5Page - STMicroelectronics SPEAR300 Datasheet HTML 6Page - STMicroelectronics SPEAR300 Datasheet HTML 7Page - STMicroelectronics SPEAR300 Datasheet HTML 8Page - STMicroelectronics SPEAR300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
April 2010
Doc ID 16324 Rev 2
1/83
1
SPEAr300
Embedded MPU with ARM926 core, flexible memory support,
powerful connectivity features and human machine interface
Features
ARM926EJ-S core up to 333 MHz
High-performance 8-channel DMA
Dynamic power-saving features
Configurable peripheral functions on 102
shared I/Os (please refer to Table 11:
PL_GPIO multiplexing scheme)
Memory
– 32 KB ROM and 56 KB internal SRAM
– LPDDR-333/DDR2-666 external memory
interface (up to 1 GB addressable memory)
– SDIO/MMC card interface
– Serial Flash memory interface (SMI)
– Flexible static memory controller (FSMC)
up to 16-bit data bus width, supporting
external SRAM, NAND/NOR Flash and
FPGAs
– Serial SPI Flash interface
Connectivity
– 2 x USB 2.0 Host
– USB 2.0 Device
– Fast Ethernet (MII port)
– 1x SSP Synchronous serial peripheral
(SPI, Microwire or TI protocol)
– 1x I2C
– 1x I2S,
– 1x fast IrDA interface
– 1x UART interface
– TDM bus (512 timeslots)
– Up to 8 additional I2C/SPI chip selects
Security
– C3 cryptographic accelerator
Peripherals supported
– Camera interface (ITU-601/656 and CSI2
support)
– TFT/STN LCD controller (resolution up to
1024 x 768 and up to 24 bpp)
– Touchscreen support (using the ADC)
– 9 x 9 keyboard controller
– Glueless management of up to 8
SLICs/CODECs
Miscellaneous functions
– Integrated real time clock, watchdog, and
system controller
– 8-channel 10-bit ADC, 1 Msps
–1-bit DAC
– JPEG codec accelerator
– Six 16-bit general purpose timers with
capture mode and programmable prescaler
– Up to 62 GPIOs
Applications
SPEAr300 embedded MPU is configurable in
13 sets of peripheral functions targeting a
range of applications:
– General purpose NAND Flash or NOR
Flash based devices
– Digital photo frames
– WiFi or IP phones (low end or high end)
– ATA PABX systems (with or without I2S)
– 8-bit or 14-bit camera (with or without LCD)
Table 1.
Device summary
Order code
Temp
range,
C
Package
Packing
SPEAR300-2 - 40 to 85 °C
LFBGA289
(15x15 mm)
pitch 0.8 mm
Tray
LFBGA289 (15 x 15 x 1.7 mm)
www.st.com


Similar Part No. - SPEAR300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
SPEAR320S-2 STMICROELECTRONICS-SPEAR320S-2 Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
More results

Similar Description - SPEAR300

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR1340 STMICROELECTRONICS-SPEAR1340 Datasheet
2Mb / 200P
Dual-core Cortex A9 HMI embedded MPU
11-Oct-2012
logo
List of Unclassifed Man...
MXE-5300 ETC2-MXE-5300 Datasheet
372Kb / 3P
Powerful 2nd Generation Intel짰 Core??i7 Fanless Embedded Computer with High Performance Wireless Support
logo
STMicroelectronics
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
logo
List of Unclassifed Man...
A66CCOL ETC2-A66CCOL Datasheet
310Kb / 2P
HMI - Human-Machine Interface: Consolets
logo
STMicroelectronics
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
SPEAR600 STMICROELECTRONICS-SPEAR600 Datasheet
1Mb / 97P
Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
09-May-2012
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com