Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR300 Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 75Page - STMicroelectronics SPEAR300 Datasheet HTML 76Page - STMicroelectronics SPEAR300 Datasheet HTML 77Page - STMicroelectronics SPEAR300 Datasheet HTML 78Page - STMicroelectronics SPEAR300 Datasheet HTML 79Page - STMicroelectronics SPEAR300 Datasheet HTML 80Page - STMicroelectronics SPEAR300 Datasheet HTML 81Page - STMicroelectronics SPEAR300 Datasheet HTML 82Page - STMicroelectronics SPEAR300 Datasheet HTML 83Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
79/83
where (1) B = UART baud rate
Table 49.
UART transmit timing characteristics
S.No.
Parameters
Min
Max
Unit
1
UART Maximum Baud Rate
3
Mbps
2
UART Pulse Duration Transmit
Data (TxD)
0.99B(1)
B(1)
ns
3
UART Transmit Start Bit
0.99B(1)
B(1)
ns
Table 50.
UART receive timing characteristics
S.No.
Parameters
Min
Max
Units
4
UART Pulse Duration Receive
Data (RxD)
0.97B(1)
1.06B(1)
ns
5
UART Receive Start Bit
0.97B(1)
1.06B(1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com