Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 36 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 36 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AD1816A
–36–
REV. A
[33] DSP CONFIGURATION
DEFAULT = [0x0000]
7654321076543210
DS1
DS0
DIT
RES
ADR
I1T
I0T
CPI
PBI
FMI
I1I
I0I
DFS [2:0]
DFS [2:0]
DSP Frame Sync Source. Sets the DSP Port Frame Sync according to the following source.
000—Maximum Frame Rate
001—I
2S(0) Sample Rate
010—I
2S(1) Sample Rate
011—Music Synthesizer Sample Rate
100—Sound System Playback Sample Rate
101—Sound System Capture Sample Rate
111—Reserved
I0I
I
2S(0) Data Intercept. 0 = Disable, 1 = Intercept I2S(0) Data Enabled.
I1I
I
2S(1) Data Intercept. 0 = Disable, 1 = Intercept I2S(1) Data Enabled.
FMI
FM Music Synthesizer Data Intercept. 0 = Disable, 1 = Intercept FM Music Data Enabled.
PBI
Playback Data Intercept. 0 = Disable, 1 = Intercept Playback Data Enabled.
CPI
Capture Data Intercept. 0 = Disable, 1 = Intercept Capture Data Enabled.
I0T
I
2S(0) Takeover Data. 0 = Disable, 1 = Enabled.
I1T
I
2S(1) Takeover Data. 0 = Disable, 1 = Enabled.
ADR
Audio Resync. Writing “1” causes all FIFOs in the DSP port to be re-initialized.
DIT
DSP Interrupt. A write to this bit causes an ISA interrupt if DIE is asserted.
DS0
DSP Mailbox 0 Status. 0 = last access indicates read, 1 = last access indicates write.
DS1
DSP Mailbox 1 Status. 0 = last access indicates read, 1 = last access indicates write.
[34] FM SAMPLE RATE
DEFAULT = [0x5622]
7654321076543210
FMSR [15:8]
FMSR [7:0]
FMSR [15:0] F Music Sample Rate register. The sample rate can be programmed from 4 kHz to 27.6 kHz in 1 hertz increments.
[35] I
2S(1) SAMPLE RATE
DEFAULT = [0xAC44]
7654321076543210
S1SR [15:8]
S1SR [7:0]
S1SR [15:0]
I
2S(1) Sample Rate register. The sample rate can be programmed from 4 kHz to 55.2 kHz in 1 hertz increments.
Programming this register has no effect unless I
2SF1 [1:0] is enabled.
[36] I
2
S(0) SAMPLE RATE
DEFAULT = [0xAC44]
7654321076543210
S0SR [15:8]
S0SR [7:0]
S0SR [15:0]
I
2S(0) Sample Rate register. The sample rate can be programmed from 4 kHz to 55.2 kHz in 1 hertz increments.
Programing this register has no effect unless I
2SF0 [1:0] is enabled.
[37] RESERVED
DEFAULT = [0x0000]
7654321076543210
RES
RES
[38] PROGRAMMABLE CLOCK RATE
DEFAULT = [0xAC44]
7654321076543210
PCR [15:8]
PCR [7:0]
PCR [15:0]
Programmable Clock Rate register. The clock rate can be programmed from 25 kHz to 50 kHz in 1 hertz
increments. This register is only valid when the COF bits in SS [32] are set for the multiplier factor. PCLKO =
256
× PCR/2COF. See SS [32] for determining the value of COF.
[39] 3D Phat Stereo Control and PHONE_OUT Attenuation
DEFAULT = [0x8000]
7654321076543210
3DDM
RES
3DD [3:0]
RES
POM
RES
POA [4:0]
POA [4:0]
PHONE-OUT Attenuation. The LSB represents –1.5 dB, 0000 = 0 dB and the range is 0 dB to –46.5 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com