Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 48 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 48 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices AD1816AJS Datasheet HTML 46Page - Analog Devices AD1816AJS Datasheet HTML 47Page - Analog Devices AD1816AJS Datasheet HTML 48Page - Analog Devices AD1816AJS Datasheet HTML 49Page - Analog Devices AD1816AJS Datasheet HTML 50Page - Analog Devices AD1816AJS Datasheet HTML 51Page - Analog Devices AD1816AJS Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
AD1816A
–48–
REV. A
VCC
MIC
L_LINE
R_LINE
L_SYNTH
R_SYNTH
L_FILT
L_CD
R_CD
VREF_X
PHONE_IN
VREF
R_FILT
L_AAFILT
R_AAFILT
0.47 F
44
0.47 F
42
0.47 F
41
0.47 F
46
0.47 F
45
0.47 F
48
0.47 F
47
0.47 F
43
1 F
30
1 F
29
1 F
28
L_OUT
R_OUT
PHONE_OUT
47k
47k
47k
0.1 F
10 F
0.1 F
10 F
36
35
38
1 F
37
1 F
40
560pF NPO
39
560pF NPO
0.01 F
50
0.01 F
49
0.01 F
54
0.01 F
53
0.01 F
52
0.01 F
51
0.01 F
56
0.01 F
55
2.2k
2.2k
2.2k
2.2k
57
58
10k
VDD
VDD
66
67
4.7k
VDD
85–88, 91–94
75–81, 83
72–74
4–19
20
59–61
22
21
25
ISA
BUS
EE_CLK
EE_DATA
A_1
A_2
A_X
A_Y
B_1
B_2
B_X
B_Y
MIDI_IN
MIDI_OUT
PC_D[7:0]
IRQ(x)
DRQ(x)
PC_A(15:0)
AEN
RESET
63
64
33MHz
GNDA
GND
GND
GND
GND
GND
GND
34
24
65
70
84
90
96
VDD VDD
VDD VDD VDD
100nF
100nF
33
100nF
4.7 F
600Z
23
62
71
89
95
100nF
100nF
100nF
+5V
REGULATED
18pF
18pF
AD1816AJS
L_VID
0.47 F
32
R_VID
0.47 F
31
0.1 F
0.1 F
0.047 F
47k
26
27
1.2k
CX3D
RX3D
VDD
VDD
VOL_DN
VOL_UP
*
*
*LOCATION OF THIS PIN IS DETERMINED BY THE EEPROM
EEPROM
(OPTIONAL)
DACK(x)
IOR
IOW
10k
10k
10k
Figure 16. Recommended Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com