Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 11 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 7Page - Analog Devices AD1816AJS Datasheet HTML 8Page - Analog Devices AD1816AJS Datasheet HTML 9Page - Analog Devices AD1816AJS Datasheet HTML 10Page - Analog Devices AD1816AJS Datasheet HTML 11Page - Analog Devices AD1816AJS Datasheet HTML 12Page - Analog Devices AD1816AJS Datasheet HTML 13Page - Analog Devices AD1816AJS Datasheet HTML 14Page - Analog Devices AD1816AJS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD1816A
–11–
REV. A
PIN FUNCTION DESCRIPTIONS
Analog Signals (All Inputs must be AC-Coupled)
Pin Name
PQFP TQFP
I/O
Description
MIC
44
42
I
Microphone Input. The MIC input may be either line-level or –20 dB from line-level (the
difference being made up through a software controlled 20 dB gain block). The mono MIC
input may be sent to the left and right channel of the ADC for conversion, or gained/
attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then summed with left and right
line OUT before the Master Volume stage.
L_LINE
42
40
I
Left Line-Level Input. The left line-level input may be sent to the left channel of the ADC;
gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then summed with left line
OUT (L_OUT).
R_LINE
41
39
I
Right Line-Level Input. The right line-level input may be sent to the right channel of the
ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then summed with
right line OUT (R_OUT).
L_SYNTH
46
44
I
Left Synthesizer Input. The left MIDI upgrade line-level input may be sent to the left
channel of the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then
summed with left line OUT (L_OUT).
R_SYNTH
45
43
I
Right Synthesizer Input. The right MIDI upgrade line-level input may be sent to the right
channel of the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then
summed with right line OUT (R_OUT).
L_CD
48
46
I
Left CD Line-Level Input. The left CD line-level input may be sent to the left channel of
the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then summed
with left line OUT (L_OUT).
R_CD
47
45
I
Right CD Line-Level Input. The right CD line-level input may be sent to the right channel
of the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then summed
with right line OUT (R_OUT).
L_VID
32
30
I
Left Video Input. The left audio track for a video line-level input may be sent to the left
channel of the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and then
summed with left line OUT (L_OUT).
R_VID
31
29
I
Right Video Input. The right audio track for a video line-level input may be sent to the
right channel of the ADC; gained/attenuated from +12 dB to –34.5 dB in 1.5 dB steps and
then summed with right line OUT (R_OUT).
L_OUT
30
28
O
Left Output. Left channel line-level post-mixed output. The final stage passes through the
Master Volume block and may be attenuated 0 dB to –45 dB in 1.5 dB steps.
R_OUT
29
27
O
Right Output. Right channel line-level post-mixed output. The final stage passes through
the Master Volume block and may be attenuated 0 dB to –45 dB in 1.5 dB steps.
PHONE_IN
43
41
I
Phone Input. Line-level input from a DAA/modem chipset.
PHONE_OUT
28
26
O
Phone Output. Line-level output from a DAA/modem chipset.
RX3D
26
24
O
Phat Stereo Phase Expander filter network, resistor pin.
CX3D
27
25
I
Phat Stereo Phase Expander filter network, capacitor pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com