Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 20 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 16Page - Analog Devices AD1816AJS Datasheet HTML 17Page - Analog Devices AD1816AJS Datasheet HTML 18Page - Analog Devices AD1816AJS Datasheet HTML 19Page - Analog Devices AD1816AJS Datasheet HTML 20Page - Analog Devices AD1816AJS Datasheet HTML 21Page - Analog Devices AD1816AJS Datasheet HTML 22Page - Analog Devices AD1816AJS Datasheet HTML 23Page - Analog Devices AD1816AJS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AD1816A
–20–
REV. A
PNPR
Plug and Play Reset flag. This bit is set by an AD1816A reset (RESETB pin asserted LOW) or by a Plug and Play
reset command. This bit is cleared by the assertion of the FCLR bit in the control word. While this bit is set, all at-
tempts to write an SS indirect register via the DSP port will be ignored and fail. This is to ensure that Plug and
Play resets are immediately applied to the application running on the DSP, without requiring them to continuously poll
the Plug and Play reset status bit. During the frame in which this bit is cleared (by asserting FCLR), an attempt to
write an SS indirect register will succeed. If the FCLR bit is continuously asserted, writes to indirect registers via
the DSP port will always be enabled. A Plug and Play reset command will set this PNPR bit HIGH during at least
one frame.
PDN
Power-Down flag. This bit is set by an AD1816A reset (RESETB pin asserted LOW), or by an AD1816A power-
down. Before an AD1816A power-down sequence shuts down the DSP port, at least one frame will be sent with
this bit set. This bit can be cleared by the assertion of the FCLR (DSP port status clear) bit in the control word,
providing the AD1816A is no longer in power-down.
The SDFS pin is used for the serial interface frame synchronization. New frames are marked by a one SCLK duration HI pulse,
driven out on SDFS, one serial clock period before the frame begins. Upon initializing, there are exactly 12 time slots per frame and
16 bits per time slot. The frame rate is 57,291 and 2/3 Hz (11 MHz SCLK /(16 bits
× 12 slots)). The frame rate can also be changed
from the default value by reprogramming the rate in registers. The frame rate can run at the default rate or be programmed to match
the modem sample rate, ADC capture rate, DAC playback rate, music sample rate, I
2S(1) sample rate or I2S(0) sample rate. When
the frame rate is not equivalent to the sample rate, Valid Out, Request In and Valid In bits are used to control the sample data flow.
When the frame rate is equivalent to the sample rate, Valid and Request bits can be ignored.
SCLK
SDI OR SDO
SDFS
15 14 13
0
1
2
3
SAMPLE PERIOD N
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SAMPLE PERIOD N + 1
SAMPLE PERIOD N + 2
15 14 13
0
1
2
3
15 14 13
0
1
2
3
Figure 12. DSP Serial Interface (Default Frame Rate)
15 14 13
0
1
2
3
15 14 13
0
1
2
3
15 14 13
0
1
2
3
SCLK
SDI OR
SDO
SDFS
SAMPLE PERIOD N
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SAMPLE PERIOD N + 1
SAMPLE PERIOD N + 2
Figure 13. DSP Serial Interface (User Programmed Frame Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com