Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 14 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 10Page - Analog Devices AD1816AJS Datasheet HTML 11Page - Analog Devices AD1816AJS Datasheet HTML 12Page - Analog Devices AD1816AJS Datasheet HTML 13Page - Analog Devices AD1816AJS Datasheet HTML 14Page - Analog Devices AD1816AJS Datasheet HTML 15Page - Analog Devices AD1816AJS Datasheet HTML 16Page - Analog Devices AD1816AJS Datasheet HTML 17Page - Analog Devices AD1816AJS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AD1816A
–14–
REV. A
Hardware Volume Pins
Pin Name
PQFP
TQFP
I/O
Description
VOL_DN*
2, 99, 100
97, 98, 100
I
Master Volume Down. Modifies output level on pins L_OUT and R_OUT.
When asserted LO, decreases Master Volume by 1.5 dB/sec. Must be asserted at
least 25 ms to be recognized. When asserted simultaneously with
VOL_UP, out-
put is muted. Output level modification reflected in indirect register [41].
VOL_UP*
1, 98
96, 99
I
Master Volume Up. Modifies output level on pins L_OUT and R_OUT. When
asserted LO, increases Master Volume by 1.5 dB/sec. Must be asserted at least
25 ms to be recognized. When asserted simultaneously with
VOL_UP, output is
muted. Output level modification reflected in indirect register [41].
Control Pins
Pin Name
PQFP
TQFP
I/O
Description
XCTL0*
68
66
O
External Control 0. The state of this pin (TTL HI or LO) is reflected in codec
indexed register. This pin is an open drain driver.
PCLKO*
68
66
O
Programmable Clock Output. This pin can be programmed to generate an out-
put clock equal to FS, 8 × FS, 16 × FS, 32 × FS, 64 × FS, 128 × FS or 256 × FS.
MPEG decoders typically require a master clock of 256
× F
S for audio
synchronization.
XCTL1*
69
67
O
External Control 1. The state of this pin (TTL HI or LO) is reflected in codec
indexed register. Open drain, 8 mA active 0.5 mA pull-up resistor.
RING*
69
67
I
Ring Indicator. Used to accept the ring indicator flag from the DAA.
Power Supplies
Pin Name
PQFP
TQFP
I/O
Description
VCC
33
31
I
Analog Supply Voltage (+5 V).
GNDA
34
32
I
Analog Ground.
VDD
23, 62, 71,
21, 60, 69,
I
Digital Supply Voltage (+5 V).
89, 95
87, 93
GND
3*, 24, 65,
1*, 22, 63,
I
Digital Ground.
70, 84, 90,
68, 82, 88,
96, 99*, 100*
94, 97*, 98*
Optional EEPROM Pins
Pin Name
PQFP
TQFP
I/O
Description
EE_CLK
58
56
O
EEPROM Clock. Open drain output, requires external pull-up.
EE_DATA
57
55
I/O
EEPROM Data. Open drain I/O, requires external pull-up.
*The position of this pin location/function is dependent on the EEPROM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com