Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 34 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 34 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD1816A
–34–
REV. A
[13] TIMER CURRENT COUNT
DEFAULT = [0x0000]
7654321076543210
TCC [15:8]
TCC [7:0]
TCC [15:0]
Timer DMA Current Count register. Contains the current timer count. Reading and Writing must be done when
TE is deasserted.
[14] MASTER VOLUME ATTENUATION
DEFAULT = [0x0000]
7654321076543210
LMVM
RES
LMVA [4:0]
RMVM
RES
RMVA [4:0]
RMVA [4:0] Right Master Volume Attenuation. The LSB represents –1.5 dB, 00000 = 0 dB and the range is 0 dB to
–46.5 dB. This register is added with the Hardware Volume Button Modifier value to produce the final DAC Master
Volume attenuation level. See Hardware Volume Button Modifier Register description for more details.
RMVM
Right Master Volume Mute. 0 = Unmuted, 1 = Muted.
LMVA [4:0] Left Master Volume Attenuation. The LSB represents –1.5 dB, 00000 = 0 dB and the range is 0 dB to
–46.5 dB. This register is added with the Hardware Volume Button Modifier value to produce the final DAC Master
Volume attenuation level. See Hardware Volume Button Modifier Register description for more details.
LMVM
Left Master Volume Mute. 0 = Unmuted, 1 = Muted.
[15] CD GAIN/ATTENUATION
DEFAULT = [0x8888]
7654321076543210
LCDM
RES
LCDA [4:0]
RCDM
RES
RCDA [4:0]
RCDA [4:0] Right CD Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
RCDM
Right CD Mute. 0 = Unmuted, 1 = Muted.
LCDA [4:0] Left CD Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
LCDM
Left CD Mute. 0 = Unmuted, 1 = Muted.
[16] SYNTH GAIN/ATTENUATION
DEFAULT = [0x8888]
7654321076543210
LSYM
RES
LSYA [4:0]
RSYM
RES
RSYA [4:0]
RSYA [4:0]
Right SYNTH Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
RSYM
Right SYNTH Mute. 0 = Unmuted, 1 = Muted.
LSYA [4:0]
Left SYNTH Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
LSYM
Left SYNTH Mute. 0 = Unmuted, 1 = Muted.
[17] VID GAIN/ATTENUATION
DEFAULT = [0x8888]
7654321076543210
LVDM
RES
LVDA [4:0]
RVDM
RES
RVDA [4:0]
RVDA [4:0]
Right VID Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
RVDM
Right VID Mute. 0 = Unmute, 1 = Muted.
LVDA [4:0]
Left VID Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
LVDM
Left VID Mute. 0 = Unmuted, 1 = Muted.
[18] LINE GAIN/ATTENUATION
DEFAULT = [0x8888]
7654321076543210
LLM
RES
LLA [4:0]
RLM
RES
RLA [4:0]
RLA [4:0]
Right LINE Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
RLM
Right Line Mute. 0 = Unmuted, 1 = Muted.
LLA [4:0]
Left LINE Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is +12 dB to –34.5 dB.
LLM
Left Line Mute. 0 = Unmuted, 1 = Muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com