Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 35 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 35 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AD1816A
–35–
REV. A
[19] MIC/PHONE
_IN GAIN/ATTENUATION
DEFAULT = [0x8888]
7654321076543210
MCM
M20
RES
MCA [4:0]
PIM
RES
PIA [3:0]
RES
PIA [3:0]
PHONE_IN Attenuation. The LSB represents –3 dB, 0000 = 0 dB and the range is 0 dB to –45 dB.
PIM
PHONE_IN Mute.
MCA [4:0]
Microphone Attenuation. The LSB represents –1.5 dB, 00000 = +12 dB and the range is
±12 dB to –34.5 dB.
M20
Microphone 20 dB Gain. The M20-bit enables the Microphone +20 dB gain stage.
MCM
Microphone Mute.
[20] ADC SOURCE SELECT AND ADC PGA
DEFAULT = [0x0000]
7654321076543210
LAGC
LAS [2:0]
LAG [3:0]
RAGC
RAS [2:0]
RAG [3:0]
RAG [3:0]
Right ADC Gain Control ADC source select and Gain. For Gain, LSB represents +1.5 dB, 0000 = 0 dB
and the range is 0 dB to +22.5 dB.
RAGC
Right Automatic Gain Control (AGC) Enable, 1 = Enabled, 0 = Disabled.
LAG [3:0]
Left ADC Gain Control ADC source select and Gain. For Gain, LSB represents +1.5 dB, 0000 = 0 dB
and the range is 0 dB to +22.5 dB.
LAGC
Left Automatic Gain Control (AGC) Enable, 1 = Enabled, 0 = Disabled.
RAS [2:0]
ADC Right Input Source
LAS [2:0]
ADC Left Input Source
000
R_LINE
000
L_LINE
001
R_OUT
001
L_OUT
010
R_CD
010
L_CD
011
R_SYNTH
011
L_SYNTH
100
R_VID
100
L_VID
101
Mono Mix
101
MIC
110
Reserved
110
PHONE_IN
111
Reserved
111
Reserved
Note: When the AGC is enabled, gain control settings for the ADC PGA are overridden for all inputs.
[32] CHIP CONFIGURATION
DEFAULT = [0x00F0]
7654321076543210
WSE
CDE
RES
CNP
RES
COF [3:0]
I
2SF1 [1:0]
I
2SF0 [1:0]
I
2SF0 [1:0]
I
2S Port Configuration for serial data type.
I
2SF1 [1:0]
00
Disabled
01
Right Justified
10
I
2S Justified
11
Left Justified
COF [3:0]
Clock Output Frequency. Programmable clock output on PCLKO pin is determined using the following formula
PCLKO = 256
× PCR/2COF where COF = 0:11 and PCR is the value of the Programmable Clock Rate Register,
SS [38]. If COF > 11, then PCLKO is disabled.
CNP
Capture not equal to Playback.
0 = Capture equals Playback. The capture sample rate is determined by the playback sample rate in SS [02].
1 = Capture not equal to Playback.
CDE
CD Enable, Set to “1” when a CD player is connected to I
2S (0), maps SoundBlaster CD mixer controls from
the analog CD attenuator inputs to I
2S (0) serial port.
WSE
Sound System Enable.
0 = SoundBlaster Mode.
1 = Sound System Mode under Windows.
Note: When in SoundBlaster Mode, the Codec ADC and DAC channels will be used solely for converting
SoundBlaster data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com