Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 38 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 38 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AD1816A
–38–
REV. A
DM
DAC Mute. This bit mutes the digital DAC output entering the analog mixer.
GPSP
Game Port Speed Select. Selects the operating speed of the game port.
0
Slow Game Port
1
Fast Game Port
PD3D
Power-Down 3D. Turns off internal Phat Stereo circuitry.
0On
1
Off
3D
3D Analog Mixer Bypass. Allows the analog output of the D/A converters to bypass the Phat Stereo Circuit. Enables
ultimate flexibility for mixing and any combination of 3D enhanced analog signals or non-3D enhanced signals with
the DAC output.
0
3D Phat Stereo Enabled for DAC Output
1
3D Phat Stereo Bypassed for DAC Output
PTB
Power-Down Time Base. 1 = timer set to 100 ms, 0 = timer set to 10
µs.
PDP
Power-down count reload on DSP Port enabled; “1” = Reload count if DSP Port enabled. DSP Port is enabled when
Slot 0 of SDI of the DSP Serial Port Input is Alive (Bit 7 = 1).
PDA
Power-down count reload on Digital Activity; “1” = Reload count on Digital Activity. Digital Activity is defined as any
activity on (I
2S0, I2S1, FM or PLAYBACK).
PAA
Power-down count reload on Analog Activity; “1” = Reload count on Analog Activity. Analog Activity is defined as any
analog input unmuted (LINE, CD, SYNTH, MIC, PHONE_IN) or MASTER VOLUME unmuting.
PIR
Power-down count reload on ISA Read; “1” = Reload count on ISA read. ISA Read is defined as a read from any active
logical device inside the AD1816A.
PIW
Power-down count reload on ISA Write; “1” = Reload count on ISA write. ISA Write defined as a write to any active
logical device inside the AD1816A.
CPD
Chip Power-down
1
Power-Down;
0
Power-Up
For Power-up, software should poll the [SSBASE+0] CRY bit for “1” before writing or reading any logical device.
[45] VERSION ID
DEFAULT = [0xXXXX]
7654321076543210
VER [15:8]
VER [7:0]
[46] RESERVED
DEFAULT = [0x0000]
7654321076543210
RES
RES
Test register. Should never be written or read under normal operation.
SB Pro; AdLib Registers
The AD1816A contains sets of ISA Bus registers (ports) that correspond to those used by the SoundBlaster Pro audio card from
Creative Labs and the AdLib audio card from AdLib Multimedia. Table IX lists the ISA Bus SoundBlaster Pro registers. Table X
lists the ISA Bus AdLib registers. Because the AdLib registers are a subset of those in the SoundBlaster card, you can find complete
information on using both of these registers in the Developer Kit for SoundBlaster Series, 2nd ed. © 1993, Creative Labs, Inc., 1901
McCarthy Blvd., Milpitas, CA 95035.
Table IX. SoundBlaster Pro ISA Bus Registers
Register Name
ISA Bus Address
Music0: Address (w), Status (r)
(SB Base) Relocatable in range 0x100 – 0x3F0
Music0: Data (w)
(SB Base+1)
Music1: Address (w)
(SB Base+2)
Music1: Data (w)
(SB Base+3)
Mixer Address (w)
(SB Base+4)
Mixer Data (w)
(SB Base+5)
Reset (w)
(SB Base+6)
Music0: Address (w)
(SB Base+8)
Music0: Data (w)
(SB Base+9)
Input Data (r)
(SB Base+A)
Status (r), Output Data (w)
(SB Base+C)
Status (r)
(SB Base+E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com