Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 30 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 26Page - Analog Devices AD1816AJS Datasheet HTML 27Page - Analog Devices AD1816AJS Datasheet HTML 28Page - Analog Devices AD1816AJS Datasheet HTML 29Page - Analog Devices AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD1816A
–30–
REV. A
Table VII. Indirect Register Map and Reset/Default States
Reset/
Address
Register Name
Default State
00
Low Byte TMP
0xXX
01
Interrupt Enable and External Control
0x0102
02
Voice Playback Sample Rate
0x1F40
03
Voice Capture Sample Rate
0x1F40
04
Voice Attenuation
0x8080
05
FM Attenuation
0x8080
06
I
2S(1) Attenuation
0x8080
07
I
2S(0) Attenuation
0x8080
08
Playback Base Count
0x0000
09
Playback Current Count
0x0000
10
Capture Base Count
0x0000
11
Capture Current Count
0x0000
12
Timer Base Count
0x0000
13
Timer Current Count
0x0000
14
Master Volume Attenuation
0x0000
15
CD Gain/Attenuation
0x8888
16
Synth Gain/Attenuation
0x8888
17
Video Gain/Attenuation
0x8888
18
Line Gain/Attenuation
0x8888
19
Mic/PHONE_IN Gain/Attenuation
0x8888
20
ADC Source Select and ADC PGA
0x0000
32
Chip Configuration
0x00F0
33
DSP Configuration
0x0000
34
FM Sample Rate
0x5622
35
I
2S(1) Sample Rate
0xAC44
36
I
2S(0) Sample Rate
0xAC44
37
Reserved
0x0000
38
Programmable Clock Rate
0xAC44
39
3D Phat Stereo Control/PHONE_OUT Gain Attenuation
0x8000
40
Reserved
0x0000
41
Hardware Volume Button Modifier
0xXX1B
42
DSP Mailbox 0
0x0000
43
DSP Mailbox 1
0x0000
44
Power-Down and Timer Control
0x0000
45
Version ID
0xXXXX
46
Reserved
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com