Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 45 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 45 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices AD1816AJS Datasheet HTML 46Page - Analog Devices AD1816AJS Datasheet HTML 47Page - Analog Devices AD1816AJS Datasheet HTML 48Page - Analog Devices AD1816AJS Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
AD1816A
–45–
REV. A
MAPPING THE AD1816 EEPROM INTO THE AD1816A EEPROM
The equations below map AD1816 flags onto AD1816A flags:
MODEM_EN = MODEM_EN
XTRA_EN = XTRA_EN
SUPER_EN = 0
I
2S0_HV = VOL_EN * VOL_SEL
XTRA_HV = VOL_EN * VOL_SEL
IRQSEL12_13 = X (don’t care)
IRQSEL3_9 = 0
RSTB_EN = 0
XTRASZ0[3] =
XTRA_SIZE
XTRASZ0[2:0] = 000
IRQSEL4_10 =
MODEM_EN
IRQSEL11_15 = 1
IRQSEL9_14 = 0
IRQSEL4_9_11 = 1
XIRQINV = 0
MIRQINV = 0
IRQ_EN = 0
XTRA_CS = 0
XTRASZ1[3:0] = XXXX (don’t care)
PIN MUXING IN THE AD1816 AND AD1816A
Some AD1816 and AD1816A options are mutually exclusive because there are a limited number of pins on the device to support
them all. The tables below map functions to pin, and show how the flags must be set to assign functions to pins. For each pin, the
first function listed is the default; that function is used if the EEPROM is absent or invalid.
Table XIII. AD1816 Pin Muxing
PQFP
TQFP
Pin Function
I/O
Flags Required
199
I
2S0_DATA
I
VOL_EN + (XTRA_EN * VOL_SEL)
VOL_UP
I
VOL_EN * (XTRA_EN +
VOL_SEL)
2
100
I
2S0_LRCLK
I
VOL_EN + (XTRA_EN *VOL_SEL)
VOL_DN
I
VOL_EN * (XTRA_EN +
VOL_SEL)
31
I
2S0_BCLK
I
VOL_EN + (XTRA_EN * VOL_SEL)
GND
I
VOL_EN * (XTRA_EN +
VOL_SEL)
77
75
IRQ(10)
O (1)
MODEM_EN
IRQ(4)
O (1)
MODEM_EN
81
79
I
2S1_DATA
I
MODEM_EN
IRQ(3)
O (1)
MODEM_EN
82
80
I
2S1_BCLK
I
MODEM_EN
MDM_IRQ
I
MODEM_EN
83
81
I
2S1_LRCLK
I
MODEM_EN
MDM_SEL
O (2)
MODEM_EN
97
95
SPORT_SCLK
O
XTRA_EN * (VOL_EN * VOL_SEL)
LD_SEL
O
XTRA_EN
No Connect
O
XTRA_EN * VOL_EN * VOL_SEL
98
96
SPORT_SDFS
O (2)
XTRA_EN * (VOL_EN * VOL_SEL)
LD_DRQ
I
XTRA_EN
VOL_UP
I
XTRA_EN * (VOL_EN * VOL_SEL)
99
97
SPORT_SDO
O
XTRA_EN * (VOL_EN * VOL_SEL)
LD_DACK
O
XTRA_EN
No Connect
O
XTRA_EN * VOL_EN * VOL_SEL
100
98
SPORT_SDI
I
XTRA_EN * (VOL_EN * VOL_SEL)
LD_IRQ
I
XTRA_EN * XTRA_IRQ
VOL_DN
I
XTRA_EN * (VOL_EN * VOL_SEL)
GND
I
XTRA_EN *
XTRA_IRQ
(1) IRQ pins are three-stated if not assigned to a logical device.
(2) A pull-up or pull-down resistor may be required if EEPROM is used, because this pin is three-stated while EEPROM is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com