Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 41 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 41 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AD1816A
–41–
REV. A
PLUG AND PLAY KEY AND “ALTERNATE KEY” SEQUENCES
One additional feature of the AD1816A is an alternate programming method used, for example, if a BIOS wants to assume control
of the AD1816A and present DEVNODES to the OS (rather than having the device participate in Plug and Play enumeration). The
following technique may be used.
Instead of the normal 32 byte Plug and Play key sequence, an alternate 126 byte key is used. After the 126 byte key, the AD1816A
device will transition to the Plug and Play “sleep” state. It can then be programmed as usual using the standard Plug and Play ports.
After programming, the AD1816A should be sent to the Plug and Play “WFK” (wait for key) state. Once the AD1816A has seen the
alternate key, it will no longer parse for the Plug and Play key (and therefore never participate in Plug and Play enumeration). It can
be reprogrammed by reissuing the alternate key again.
Both the Plug and Play key and the alternate key are sequences of writes to the Plug and Play address register, 0x279. Below are the
ISA data values of both keys.
This is the standard Plug and Play sequence:
6a
b5
da
ed
f6
fb
7d
be
df
6f
37
1b
0d
86
c3
61
b0
58
2c
16
8b
45
a2
d1
e8
74
3a
9d
ce
e7
73
39
This is the longer, 126-byte alternate key. It is generated by the function:
f[n+1] = (f[n] >> 1)| (((f[n] ^ (f[n] >> 1)) & 0x01) << 6) f[0] = 0x01
01
40
20
10
08
04
02
41
60
30
18
0c
06
43
21
50
28
14
0a
45
62
71
78
3c
1e
4f
27
13
09
44
22
51
68
34
1a
4d
66
73
39
5c
2e
57
2b
15
4a
65
72
79
7c
3e
5f
2f
17
0b
05
42
61
70
38
1c
0e
47
23
11
48
24
12
49
64
32
59
6c
36
5b
2d
56
6b
35
5a
6d
76
7b
3d
5e
6f
37
1b
0d
46
63
31
58
2c
16
4b
25
52
69
74
3a
5d
6e
77
3b
1d
4e
67
33
19
4c
26
53
29
54
2a
55
6a
75
7a
7d
7e
7f
3f
1f
0f
07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com