Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 8 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 4Page - Analog Devices AD1816AJS Datasheet HTML 5Page - Analog Devices AD1816AJS Datasheet HTML 6Page - Analog Devices AD1816AJS Datasheet HTML 7Page - Analog Devices AD1816AJS Datasheet HTML 8Page - Analog Devices AD1816AJS Datasheet HTML 9Page - Analog Devices AD1816AJS Datasheet HTML 10Page - Analog Devices AD1816AJS Datasheet HTML 11Page - Analog Devices AD1816AJS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD1816A
–8–
REV. A
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD × θCA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
PQFP
35.1
°C/W
7
°C/W
28
°C/W
TQFP
35.3
°C/W
8
°C/W
27.3
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1816AJS
0
°C to +70°C
100-Lead PQFP
S-100
AD1816AJST 0
°C to +70°C
100-Lead TQFP
ST-100
*S = Plastic Quad Flatpack; ST = Thin Quad Flatpack. JST package option
availability subject to 10,000 PC minimum order quantity.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Min
Max
Units
Power Supplies
Digital (VDD)
–0.3
6.0
V
Analog (VCC)
–0.3
6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
VCC + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
VDD + 0.3 V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1816A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
The AD1816A latchup immunity has been demonstrated at
≥ +100 mA/–80 mA on all pins when
tested to Industry Standard/JEDEC methods.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com